Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 209 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 209 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 205Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 206Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 207Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 208Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 209Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 210Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 211Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 212Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 213Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 230 page
background image
Electrical Specifications
Supply Current Characteristics (VDD = 2.7 to 3.3 Vdc)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Electrical Specifications
15.7 Supply Current Characteristics (VDD = 2.7 to 3.3 Vdc)
Characteristic
Symbol
Min
Typ
Max
Unit
RUN (Analog and LVR Disabled)
Internal Low-Power Oscillator at 100 kHz
Internal Low-Power Oscillator at 500 kHz
External Oscillator Running at 2.1 MHz
IDD
70
320
1.25
320
800
2.60
µA
µA
mA
WAIT (Analog and LVR Disabled)
Internal Low-Power Oscillator at 100 kHz
Internal Low-Power Oscillator at 500 kHz
External Oscillator Running at 2.1 MHz
IDD
20
40
0.50
65
250
1.10
µA
µA
mA
STOP (Analog and LVR Disabled)
25
°C
–40
°C to 85 °C
IDD
1
2
5
10
µA
µA
Incremental IDD for Enabled Modules
LVR
Analog Subsystem
IDD
5
380
15
475
µA
µA
NOTES:
1.
VDD = 4.5 to 5.5 Vdc, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
2.
All values shown reflect average measurements.
3.
Typical values at midpoint of voltage range, 25
°C only.
4.
Run (Operating) IDD, Wait IDD: Measured using external square wave clock source to OSC1 pin or internal oscillator,
all inputs 0.2 Vdc from either supply rail (VDD or VSS); no dc loads, less than 50 pF on all outputs, CL = 20 pF on
OSC2.
5.
Wait IDD is affected linearly by the OSC2 capacitance.
6.
Stop IDD: All ports configured as inputs, VIL = 0.2 Vdc, VIH = VDD –0.2 Vdc, OSC1 = VDD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com