Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5CAARCH-RM/D Datasheet(PDF) 111 Page - NXP Semiconductors

Part # M5CAARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 106Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 107Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 108Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 109Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 110Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 111Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 112Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 113Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 111 / 114 page
background image
INDEX
111
03
Miscellaneous Test Signals for JTAG, Scan, and Internal Test
Routines 57
O
OC-12 Signals 41
OC-12 Timing Description 86
OC-12 Timing Specifications 86
OC-3 Signals 40
OC-3 Timing Description 85
OC-3 Timing Diagram 85
OC-3 Timing Specifications 85
Operating Conditions, Recommended 72
P
Package Measurements 106
PCI Signals 43
PCI Timing Description 88
PCI Timing Diagram 87
PCI Timing Specifications 87
Pin Descriptions
Grouped by Function 30
Pin Locations 28
Pin Number Signals Groups 58
Pinout Diagram 28
Power Sequencing 74, 75
Power Supply Signals 56
Processor, Executive 23
Processor, Fabric 24
PROM Interface Diagram 46
PROM Interface Signals 45
PROM Interface Timing Description 91
PROM Interface Timing Diagram 91
PROM Interface Timing Outline 47
PROM Interface Timing Specifications 91
Q
QMU Signal Groups 99
QMU SRAM (Internal Mode) Timing Diagram 98
QMU SRAM Interface Signals 54, 55
QMU Timing Description 98
QMU Timing Specifications 98
QMU to Q-5/Q-3 (External Mode) Timing Diagram 100
Queue Management Unit 26
R
Recommended Operating Conditions 72
Register
IDcode 69
JTAG Instruction 69
S
Serial Interface Signals 44
Serial Port Signals 44
Signal
General System Interface 48
Signal Descriptions 27
Signal Summary 27
Signals
10/100 Ethernet 35
BMU SDRAM Interface 51
Channel Processor Interface 31
Clock 31
Clock and Reference 31
DS1/T1 Framer Interface 34
Fabric Processor Interface 49
Grouped by Pin Number 58
OC-12 41
OC-3 40
PCI 43
Power Supply 56
PROM Interface 45
QMU SRAM Interface 54, 55
Serial Interface 44
Serial Port 44
Test 57
TLU SRAM Interface 53
SONET OC-12 Transceiver Interface Configuration 41
SONET OC-3 Transceiver Interface Configuration 40
Specifications
10/100 Ethernet Timing 82
AC Timing 79
BMU Timing 94
Clock Timing 80
CP Timing 81
DS1/DS3 Timing 81
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com