Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSR13 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BSR13
Description  NPN switching transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSR13 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BSR13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSR13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSR13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSR13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSR13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSR13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSR13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSR13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSR13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2004 Jan 13
4
NXP Semiconductors
Product data sheet
NPN switching transistors
BSR13; BSR14
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
hFE
DC current gain
IC = 0.1 mA; VCE = 10 V; note 1
35
IC = 1 mA; VCE = 10 V; note 1
50
IC = 10 mA; VCE = 10 V; note 1
75
IC = 150 mA; VCE = 10 V; note 1
100
300
IC = 150 mA; VCE = 1 V; note 1
50
DC current gain
IC = 500 mA; VCE = 10 V; note 1
BSR13
30
BSR14
40
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA
BSR13
400
mV
BSR14
300
mV
collector-emitter saturation voltage
IC = 500 mA; IB = 50 mA
BSR13
1.6
V
BSR14
1
V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA
BSR13
1.3
V
BSR14
0.6
1.2
V
base-emitter saturation voltage
IC = 500 mA; IB = 50 mA
BSR13
2.6
V
BSR14
2
V
Cc
collector capacitance
IE = Ie = 0; VCB = 10 V; f = 1 MHz
8
pF
fT
transition frequency
IC = 20 mA; VCE = 20 V;
f = 100 MHz
BSR13
250
MHz
BSR14
300
MHz
Switching times (between 10% and 90% levels); see Fig.2
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA
35
ns
td
delay time
15
ns
tr
rise time
20
ns
toff
turn-off time
250
ns
ts
storage time
200
ns
tf
fall time
60
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Similar Part No. - BSR13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR13 PHILIPS-BSR13 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 15
logo
Diotec Semiconductor
BSR13 DIOTEC-BSR13 Datasheet
183Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BSR13 FAIRCHILD-BSR13 Datasheet
48Kb / 4P
   NPN General Purpose Amplifier
logo
Guangdong Kexin Industr...
BSR13 KEXIN-BSR13 Datasheet
41Kb / 2P
   NPN Switching Transistors
logo
NXP Semiconductors
BSR13 NXP-BSR13 Datasheet
145Kb / 8P
   NPN switching transistors
2004 Jan 13
More results

Similar Description - BSR13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
   NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com