Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B3RI Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 164Page - STMicroelectronics STM32H7B3RI Datasheet HTML 165Page - STMicroelectronics STM32H7B3RI Datasheet HTML 166Page - STMicroelectronics STM32H7B3RI Datasheet HTML 167Page - STMicroelectronics STM32H7B3RI Datasheet HTML 168Page - STMicroelectronics STM32H7B3RI Datasheet HTML 169Page - STMicroelectronics STM32H7B3RI Datasheet HTML 170Page - STMicroelectronics STM32H7B3RI Datasheet HTML 171Page - STMicroelectronics STM32H7B3RI Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 238 page
background image
Table 113. TIMx characteristics
Symbol
Parameter
Conditions(1)
Min(2)
Max(2)
Unit
tres(TIM)
Timer resolution time
AHB/APBx prescaler=1 or 2 or 4,
fTIMxCLK = 280 MHz
1
-
tTIMxCLK
AHB/APBx prescaler>4, fTIMxCLK =
140 MHz
1
-
tTIMxCLK
fEXT
Timer external clock frequency on
CH1 to CH4
fTIMxCLK = 280 MHz
0
fTIMxCLK/2
MHz
ResTIM
Timer resolution
-
16/32
bit
tMAX_COUNT
Maximum possible count with 32-
bit counter
-
-
65536 × 65536 tTIMxCLK
1. The maximum timer frequency on APB1 or APB2 is up to 280 MHz, by setting the TIMPRE bit in the RCC_CFGR register. If
APBx prescaler is 1 or 2 or 4, then TIMxCLK = rcc_hclk1, otherwise TIMxCLK = 4x Frcc_pclkx_d2.
2. Guaranteed by design.
6.3.35
Low-power timer characteristics
Table 114. LPTIMx characteristics
Symbol
Parameter
Min
Max
Unit
tres(TIM)
Timer resolution time
1
-
tTIMxCLK
fLPTIMxCLK
Timer kernel clock
0
100
MHz
fEXT
Timer external clock frequency on Input1 and Input2
0
fLPTIMxCLK/2
ResTIM
Timer resolution
-
16
bit
tMAX_COUNT
Maximum possible count
-
65536
tTIMxCLK
6.3.36
Communication interfaces
6.3.36.1
I2C interface characteristics
The I2C interface meets the timings requirements of the I2C-bus specification and user manual revision 03 for:
•
Standard-mode (Sm): with a bit rate up to 100 kbit/s
•
Fast-mode (Fm): with a bit rate up to 400 kbit/s
•
Fast-mode Plus (Fm+): with a bit rate up to 1 Mbit/s.
The parameters given in Table 115 and Table 116are obtained with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 00
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
The I2C timings requirements are guaranteed by design when the I2C peripheral is properly configured (refer to
RM0455 reference manual) and when the i2c_ker_ck frequency is greater than the minimum shown in the table
below:
Table 115. Minimum i2c_ker_ck frequency in all I2C modes
Symbol
Parameter
Condition
Min
Unit
fI2CCLK
I2CCLK frequency
Standard-mode
-
2
MHz
Fast-mode
Analog Filtre ON, DNF=0
9
Analog Filtre OFF, DNF=1
9
Fast-mode Plus
Analog Filtre ON, DNF=0
19
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 168/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com