Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B0RB Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 120Page - STMicroelectronics STM32H7B0RB Datasheet HTML 121Page - STMicroelectronics STM32H7B0RB Datasheet HTML 122Page - STMicroelectronics STM32H7B0RB Datasheet HTML 123Page - STMicroelectronics STM32H7B0RB Datasheet HTML 124Page - STMicroelectronics STM32H7B0RB Datasheet HTML 125Page - STMicroelectronics STM32H7B0RB Datasheet HTML 126Page - STMicroelectronics STM32H7B0RB Datasheet HTML 127Page - STMicroelectronics STM32H7B0RB Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 205 page
background image
6.3.19
Octo-SPI interface characteristics
Unless otherwise specified, the parameters given in Table 88. OCTOSPI characteristics in SDR mode and
Table 89. OCTOSPI characteristics in DTR mode (with DQS)/Octal and Hyperbus for the OCTOSPI interface
are derived from tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 20. General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5VDD
•
I/O compensation cell activated.
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output alternate function
characteristics.
Table 88. OCTOSPI characteristics in SDR mode
Delay block bypassed.
Symbol
Parameter
Conditions
Min(1)(2)
Typ(1)(2)
Max(1)(2)(3)
Unit
F(CLK)
OCTOSPI clock
frequency
1.62 V < VDD < 3.6 V, VOS0,
CLOAD = 15 pF
-
-
90
MHz
1.62 V < VDD < 3.6 V, VOS0,
CLOAD = 20 pF
-
-
80
2.7 V < VDD < 3.6 V, VOS0,
CLOAD = 20 pF
-
-
140
tw(CLKH)
OCTOSPI clock high
and low time
PRESCALER[7:0] = n = 0,1,3,5
t(CLK)/2
-
t(CLK)/2+1
ns
tw(CLKL)
t(CLK)/2−1
-
t(CLK)/2
tw(CLKH)
OCTOSPI clock high
and low time
PRESCALER[7:0] = n = 2,4,6,8
(n/2)*t(CLK)/
(n+1)
-
(n/2)*t(CLK)/
(n+1)+1
tw(CLKL)
(n/2+1)*t(CLK)/
(n+1) −1
-
(n/2+1)*t(CLK)/
(n+1)
ts(IN)(4)
Data input setup time
2.7 V < VDD < 3.6 V
2
-
-
1.62 V < VDD < 3.6 V
2
-
-
th(IN)(4)
Data input hold time
2.7 V < VDD < 3.6 V
4.5
-
-
1.62 V < VDD < 3.6 V
5
-
-
tv(OUT)
Data output valid time
-
-
1
1.5(4)
th(OUT)
Data output hold time
-
0
-
-
1. All values apply to Octal and Quad-SPI mode.
2. Guaranteed by characterization results.
3. At VOS1, these values are degraded by up to 5 %.
4. Using PC2, PC3, PI11, PF0 or PF1 I/O in the data bus adds 3.5 ns to this timing value.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 124/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com