Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B3AI Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32H7B3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3AI Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32H7B3AI Datasheet HTML 99Page - STMicroelectronics STM32H7B3AI Datasheet HTML 100Page - STMicroelectronics STM32H7B3AI Datasheet HTML 101Page - STMicroelectronics STM32H7B3AI Datasheet HTML 102Page - STMicroelectronics STM32H7B3AI Datasheet HTML 103Page - STMicroelectronics STM32H7B3AI Datasheet HTML 104Page - STMicroelectronics STM32H7B3AI Datasheet HTML 105Page - STMicroelectronics STM32H7B3AI Datasheet HTML 106Page - STMicroelectronics STM32H7B3AI Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 238 page
background image
Peripheral
IDD(Typ)
Unit
VOS0
VOS1
VOS2
VOS3
APB1
SPI2 registers
µA/MHz
2.20
2.00
1.80
1.70
SPI2 kernel
0.90
0.80
0.80
0.70
SPI3 registers
2.70
2.40
2.30
2.00
SPI3 kernel
0.90
0.80
0.70
0.70
SPDIFRX1 registers
0.60
0.50
0.50
0.40
SPDIFRX1 kernel
2.90
2.70
2.50
2.20
USART2 registers
2.00
1.80
1.70
1.50
USART2 kernel
4.60
4.30
3.90
3.60
USART3 registers
2.00
1.80
1.70
1.50
USART3 kernel
4.50
4.20
3.80
3.40
UART4 registers
1.70
1.60
1.50
1.30
UART4 kernel
3.70
3.40
3.10
2.80
UART5 registers
1.80
1.70
1.50
1.40
UART5 kernel
3.80
3.50
3.20
2.90
I2C1 registers
0.90
0.80
0.80
0.70
I2C1 kernel
2.10
2.00
1.80
1.70
I2C2 registers
0.90
0.80
0.70
0.70
I2C2 kernel
2.10
1.90
1.80
1.60
I2C3 registers
0.90
0.80
0.70
0.70
I2C3 kernel
2.20
2.00
1.80
1.70
HDMICEC registers
0.50
0.50
0.40
0.40
HDMICEC kernel
0.10
0.10
0.10
0.10
DAC1
1.40
1.30
1.20
1.10
UART7 registers
1.80
1.70
1.50
1.40
UART7 kernel
3.80
3.50
3.20
2.90
UART8 registers
2.10
2.00
1.80
1.70
UART8 kernel
3.80
3.50
3.20
2.90
Bridge
0.30
0.30
0.20
0.10
CRS
0.50
0.40
0.40
0.40
SWP registers
2.30
2.10
2.00
1.80
SWP kernel
0.10
0.10
0.10
0.10
OPAMP
4.20
3.80
3.50
3.20
MDIO
3.10
2.90
2.60
2.40
FDCAN registers
17.00
16.00
15.00
14.00
FDCAN kernel
5.60
4.80
3.50
1.10
Bridge
0.10
0.10
0.10
0.10
APB2
TIM1
9.80
9.10
8.30
7.60
TIM8
9.50
8.80
8.00
7.30
USART1 registers
0.10
0.10
0.10
0.10
USART1 kernel
0.10
0.10
0.10
0.10
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 103/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com