Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF/P6386 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM8AF/P6386
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF/P6386 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM8AF/P6386 Datasheet HTML 101Page - STMicroelectronics STM8AF/P6386 Datasheet HTML 102Page - STMicroelectronics STM8AF/P6386 Datasheet HTML 103Page - STMicroelectronics STM8AF/P6386 Datasheet HTML 104Page - STMicroelectronics STM8AF/P6386 Datasheet HTML 105Page - STMicroelectronics STM8AF/P6386 Datasheet HTML 106Page - STMicroelectronics STM8AF/P6386 Datasheet HTML 107Page - STMicroelectronics STM8AF/P6386 Datasheet HTML 108Page - STMicroelectronics STM8AF/P6386 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 116 page
background image
DocID031156 Rev 1
105/116
STM8AF6388
Package information
114
11.5
VFQFPN32 package information
Figure 57. VFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch very thin profile fine pitch quad
flat package outline
1. Drawing is not to scale.
42_ME_AMKOR_V1
Seating plane
ddd
C
C
A3
A1
A
D
e
9
16
17
24
32
Pin # 1 ID
R = 0.20
8
E
L
L
D2
1
b
E2
Bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More