Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6388UDU Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM8AF6388UDU
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388UDU Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM8AF6388UDU Datasheet HTML 108Page - STMicroelectronics STM8AF6388UDU Datasheet HTML 109Page - STMicroelectronics STM8AF6388UDU Datasheet HTML 110Page - STMicroelectronics STM8AF6388UDU Datasheet HTML 111Page - STMicroelectronics STM8AF6388UDU Datasheet HTML 112Page - STMicroelectronics STM8AF6388UDU Datasheet HTML 113Page - STMicroelectronics STM8AF6388UDU Datasheet HTML 114Page - STMicroelectronics STM8AF6388UDU Datasheet HTML 115Page - STMicroelectronics STM8AF6388UDU Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
DocID031156 Rev 1
113/116
STM8AF6388
STM8 development tools
114
13.2
Software tools
STM8 development tools are supported by a complete, free software package from STMi-
croelectronics that includes ST visual develop (STVD) IDE and the ST visual programmer
(STVP) software interface. STVD provides seamless integration of the Cosmic and Raiso-
nance C compilers for STM8.
13.2.1
STM8 toolset
The STM8 toolset with STVD integrated development environment and STVP programming
software is available for free download at www.st.com. This package includes:
ST visual develop
Full-featured integrated development environment from STMicroelectronics, featuring:
•
Seamless integration of C and ASM toolsets
•
Full-featured debugger
•
Project management
•
Syntax highlighting editor
•
Integrated programming interface
•
Support of advanced emulation features for STice such as code profiling and coverage
ST visual programmer (STVP)
Easy-to-use, unlimited graphical interface allowing read, write and verification of the STM8A
microcontroller’s Flash memory. STVP also offers project mode for saving programming
configurations and automating programming sequences.
13.2.2
C and assembly toolchains
Control of C and assembly toolchains is seamlessly integrated into the STVD integrated
development environment, making it possible to configure and control the building of the
application directly from an easy-to-use graphical interface. Available toolchains include:
C compiler for STM8
All compilers are available in free version with a limited code size depending on the
compiler. For more information, refer to www.cosmic-software.com, www.raisonance.com,
and www.iar.com.
STM8 assembler linker
Free assembly toolchain included in the STM8 toolset, which allows users to assemble and
link their application source code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com