Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

874S02I Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 874S02I
Description  1:1 Differential-to-LVDS Zero Delay Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

874S02I Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 874S02I Datasheet HTML 5Page - Renesas Technology Corp 874S02I Datasheet HTML 6Page - Renesas Technology Corp 874S02I Datasheet HTML 7Page - Renesas Technology Corp 874S02I Datasheet HTML 8Page - Renesas Technology Corp 874S02I Datasheet HTML 9Page - Renesas Technology Corp 874S02I Datasheet HTML 10Page - Renesas Technology Corp 874S02I Datasheet HTML 11Page - Renesas Technology Corp 874S02I Datasheet HTML 12Page - Renesas Technology Corp 874S02I Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
©2021 Renesas Electronics Corporation
R31DS0061EU0101 July 6, 2021
874S02I Datasheet
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter perform-
ance, power supply isolation is required. The 874S02I provides
separate power supplies to isolate any high switching noise from
the outputs to the internal PLL. VDD, VDDA and VDDO should be
individually connected to the power supply plane through vias, and
0.01µF bypass capacitors should be used for each pin. Figure 1
illustrates this for a generic VDD pin and also shows that VDDA
requires that an additional 10 resistor along with a 10F bypass
capacitor be connected to the VDDA pin.
Figure 1. Power Supply Filtering
Wiring the Differential Input to Accept Single-Ended Levels
Figure 2 shows how the differential input can be wired to accept
single-ended levels. The reference voltage V_REF = VDD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
Figure 2. Single-Ended Signal Driving Differential Input
VDD
VDDA
3.3V
10
10µF
.01µF
.01µF
V_REF
Single Ended Clock Input
VDD
CLK
nCLK
R1
1K
C1
0.1u
R2
1K


Similar Part No. - 874S02I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
More results

Similar Description - 874S02I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com