Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMDA37 Datasheet(PDF) 8 Page - Chicago Miniature Lamp,inc

Part # CMDA37
Description  Power LED (2.5 Watt) on Star PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA37 Datasheet(HTML) 8 Page - Chicago Miniature Lamp,inc

  CMDA37 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 1 page
background image
12. Forward Current vs. Wavelength shift (Ta=25℃)
8
6
4
RE D
G R EEN
BL U E
2
0
-2
-4
-6
0
100
20 0
300
4 0 0
500
600
70 0
800
13. Temperature of Junction vs. Relative Light Output for Blue, Green, Red (Ta=25℃)
100
80
60
RE D
G R EE N
BLU E
40
20
40
60
80
100
120
Junction Temperature (
oC)
Forward Current (mA)
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
- 6 -
- 8 -



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com