Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19CXXXPA1K Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 19CXXXPA1K
Description  Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

19CXXXPA1K Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  19CXXXPA1K Datasheet HTML 1Page - Honeywell Solid State Electronics Center 19CXXXPA1K Datasheet HTML 2Page - Honeywell Solid State Electronics Center 19CXXXPA1K Datasheet HTML 3Page - Honeywell Solid State Electronics Center 19CXXXPA1K Datasheet HTML 4Page - Honeywell Solid State Electronics Center 19CXXXPA1K Datasheet HTML 5Page - Honeywell Solid State Electronics Center 19CXXXPA1K Datasheet HTML 6Page - Honeywell Solid State Electronics Center 19CXXXPA1K Datasheet HTML 7Page - Honeywell Solid State Electronics Center 19CXXXPA1K Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pressure Sensors
Low-Cost, Stainless Steel, Isolated Sensors
19 mm Series
2 Honeywell
• Sensing and Control
PRESSURE SENSOR CHARACTERISTICS – ALL DEVICES
Environmental specifications
Compensated temperature range
0 °C to 82 °C [32 °F to 180 °F]
Operating temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
Storage temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
Vibration
10 G at 20 Hz to 2000 Hz
Shock
100 G for 11 ms
Life
1 million cycles min.
Insulation resistance
100 m
Ω at 50 Vdc
Maximum ratings
Voltage version “K”
Supply voltage V
S = +15 Vdc
Voltage version “L”
Supply current I
S = +2.0 mA
PRESSURE RANGE SPECIFICATIONS (19C, 19U)
Catalog Listing
Pressure range
Proof pressure (7)
Burst pressure (8)
19(C,U) 003P G (1…9) (K/L)
0 psig to 3 psig
9 psig
15 psig
19(C,U) 005P G (1…9) (K/L)
0 psig to 5 psig
15 psig
25 psig
19(C,U) 010P G (1…9) (K/L)
0 psig to 10 psig
30 psig
50 psig
19(C,U) 015P (A,G,V) (1…9) (K/L)
0 psi to 15 psi
45 psi
75 psi
19(C,U) 030P (A,G,V) (1…9) (K/L)
0 psi to 30 psi
90 psi
150 psi
19(C,U) 050P (A,G,V) (1…9) (K/L)
0 psi to 50 psi
150 psi
250 psi
19(C,U) 100P (A,G,V) (1…9) (K/L)
0 psi to 100 psi
300 psi
500 psi
19(C,U) 200P (A,G,V) (1…9) (K/L)
0 psi to 200 psi
600 psi
1000 psi
19(C,U) 300P (A,G,V) (1…9) (K/L)
0 psi to 300 psi
900 psi
1500 psi
19(C,U) 500P (A,G,V) (1…9) (K/L)
0 psi to 500 psi
1200 psi
2400 psi
Notes:
7. The maximum pressure that can be applied without changing the transducer’s performance or accuracy.
8.The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer case.
19C SERIES PERFORMANCE CHARACTERISTICS (1)
Characteristic
Minimum
Typical
Maximum
Unit
Zero pressure offset
-2
0
2
mV
Full-scale span
(2)
98
100
102
mV
Full-scale span (3 psi and 5 psi “K” units only)
(2)
48
50
52
mV
Pressure non-linearity
(3)
±0.1
±0.25
%FSS
Pressure hysteresis
(3)
±0.015
±0.030
%FSS
Repeatability
±0.010
±0.030
%FSS
Temp. effect on span
(4)
±0.5
±1.0
%FSS
Temp. effect on offset
(4)
±0.5
±1.0
%FSS
Temp. effect on span (0 psi to 3 psi and 0 psi to 5 psi only)
(4)
±2.0
%FSS
Temp. effect on offset (0 psi to 3 psi and 0 psi to 5 psi only)
(4)
±2.0
%FSS
Thermal hysteresis (0 °C to 82 °C [32 °F to 180 °F])
±0.1
±0.3
%FSS
Long-term stability of offset and span
(5)
±0.1
±0.3
%FSS
Response time
(6)
0.1
ms
Common mode voltage (voltage version “K”)
(9)
0.5
1.3
2.0
Vdc
Input impedance (current version “L”)
2.0
4.5
8.0
k
Input impedance (voltage version “K”)
8.0
25
50
k
Output resistance
3.0
4.5
6.0
k


Similar Part No. - 19CXXXPA1K

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
19CX SENSATA-19CX Datasheet
1Mb / 6P
Refrigeration Package
Rev. 07/30/24
19CX SENSATA-19CX Datasheet
490Kb / 6P
PTC MOTOR STARTERS
Rev.04/10/2025
More results

Similar Description - 19CXXXPA1K

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
logo
Honeywell Solid State E...
13C0500PA1K HONEYWELL-13C0500PA1K Datasheet
879Kb / 8P
Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
13C0500PS1L HONEYWELL-ACC-13C0500PS1L Datasheet
873Kb / 8P
Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Solid State E...
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
13C5000PS5K HONEYWELL-13C5000PS5K Datasheet
873Kb / 8P
Low-cost, Stainless Steel, Isolated Sensors
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
Low Cost, Stainless Steel, Isolated Pressure Sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com