Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD7368 Datasheet(PDF) 3 Page - Wuxi Youda electronics Co.,LTD

Part # YD7368
Description  0. 72W AUDIO POWER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD7368 Datasheet(HTML) 3 Page - Wuxi Youda electronics Co.,LTD

  YD7368 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD7368 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD7368 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
YOUDA INTEGRATED CIRCUIT
YD7368
APPLICATION CIRCUIT
+
100μ
+
47μ
+
100μ
0.01μ
+
220μ
0.1μ
+
470μ
SPEAKER
1
3
2
8
4
7
6
5
FILTER
+
-
VCC
9
OUTLINE DRAWING
WuXi YouDa Electronics Co., Ltd
3 of 3
Website: www.e-youda.com


Similar Part No. - YD7368

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD7312 YOUDA-YD7312 Datasheet
80Kb / 3P
DUAL RECORDING/PLAYBACK PREAMPLIFIER CIRCUIT WITH ALC
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
YD7377H ETC-YD7377H Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
YD7377V ETC-YD7377V Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results

Similar Description - YD7368

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MDR-72S MPD-MDR-72S Datasheet
564Kb / 2P
72W Output Power
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
Audio Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com