Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPX-EHLP Datasheet(PDF) 2 Page - BCM Advanced Research.

Part # EPX-EHLP
Description  Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

EPX-EHLP Datasheet(HTML) 2 Page - BCM Advanced Research.

  EPX-EHLP Datasheet HTML 1Page - BCM Advanced Research. EPX-EHLP Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards
& embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update:
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
Ordering Info
EPX-EHLP
Intel® Pentium®/Celeron® Elkhart Lake Platform Pico-ITX
Motherboard. Please contact BCMSales@bcmcom.com for
more details.
2021/08/22
Mechanical and Environment
Power Type
DC in +12V
ACPI
Single power ATX Support S0, S3, S4, S5
ACPI 5.1 Compliant
Operating
Temperature
-10 ~ 60°C (-14 ~ 140°F) Elkhart Lake N/J Series CPU
-30 ~ 60°C (-22 ~ 140°F) Elkhart Lake E Series CPU
Storage Tem-
perature
-40 ~ 75°C (-40 ~ 167°F)
Operating
Humidity
40°C @ 95% Relative Humidity, Non-condensing
Form Factor
Pico-ITX
Dimensions
3.94” x 2.83” (100mm x 72mm)
Certification
CE, FCC Class B
Weight
0.88lbs (0.4kg)


Similar Part No. - EPX-EHLP

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
EPX-APLP-J3455 BCM-EPX-APLP-J3455 Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
EPX-APLP-N3350 BCM-EPX-APLP-N3350 Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
More results

Similar Description - EPX-EHLP

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Advantech Co., Ltd.
MIO-3360 ADVANTECH-MIO-3360 Datasheet
770Kb / 2P
Intel® Pentium N4200/Celeron N3350 Pico-ITX SBC
12-Mar-2021
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
BCM Advanced Research.
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
logo
Advantech Co., Ltd.
SOM-6832 ADVANTECH-SOM-6832 Datasheet
1Mb / 6P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
29-Nov-2021
logo
BCM Advanced Research.
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
logo
AAEON Technology
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
logo
BCM Advanced Research.
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com