Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72361 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST72361
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 156Page - STMicroelectronics ST72361 Datasheet HTML 157Page - STMicroelectronics ST72361 Datasheet HTML 158Page - STMicroelectronics ST72361 Datasheet HTML 159Page - STMicroelectronics ST72361 Datasheet HTML 160Page - STMicroelectronics ST72361 Datasheet HTML 161Page - STMicroelectronics ST72361 Datasheet HTML 162Page - STMicroelectronics ST72361 Datasheet HTML 163Page - STMicroelectronics ST72361 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 224 page
background image
ST72361
160/224
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Master Only) (Cont’d)
10.8.7 SCI Synchronous Transmission
The SCI transmitter allows the user to control a
one way synchronous serial transmission. The
SCLK pin is the output of the SCI transmitter clock.
No clock pulses are sent to the SCLK pin during
start bit and stop bit. Depending on the state of the
LBCL bit in the SCICR3 register, clock pulses are
or are not be generated during the last valid data
bit (address mark). The CPOL bit in the SCICR3
register allows the user to select the clock polarity,
and the CPHA bit in the SCICR3 register allows
the user to select the phase of the external clock
(see Figure 4, Figure 5 and Figure 6).
During idle, preamble and send break, the external
SCLK clock is not activated.
These options allow the user to serially control pe-
ripherals which consist of shift registers, without
losing any functions of the SCI transmitter which
can still talk to other SCI receivers. These options
do not affect the SCI receiver which is independ-
ent from the transmitter.
Note: The SCLK pin works in conjunction with the
TDO pin. When the SCI transmitter is disabled (TE
and RE = 0), the SCLK and TDO pins go into high
impedance state.
Note: The LBCL, CPOL and CPHA bits have to be
selected before enabling the transmitter to ensure
that the clock pulses function correctly. These bits
should not be changed while the transmitter is en-
abled.
Figure 91. SCI Example of Synchronous and Asynchronous Transmission
Asynchronous
Synchronous
(e.g. modem)
(e.g. shift register)
RDI
TDO
SCLK
Output port
Enable
Clock
Data in
Data in
Data out
SCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com