Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742VG Datasheet(PDF) 181 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 177Page - STMicroelectronics STM32H742VG Datasheet HTML 178Page - STMicroelectronics STM32H742VG Datasheet HTML 179Page - STMicroelectronics STM32H742VG Datasheet HTML 180Page - STMicroelectronics STM32H742VG Datasheet HTML 181Page - STMicroelectronics STM32H742VG Datasheet HTML 182Page - STMicroelectronics STM32H742VG Datasheet HTML 183Page - STMicroelectronics STM32H742VG Datasheet HTML 184Page - STMicroelectronics STM32H742VG Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 357 page
background image
DS12110 Rev 10
181/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
6.3.27
Operational amplifier characteristics
Table 99. OPAMP characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
Range
-2
3.3
3.6
V
CMIR
Common Mode Input
Range
-0
-
VDDA
VIOFFSET
Input offset voltage
25°C, no load on output
-
-
±1.5
mV
All voltages and
temperature, no load
--
±2.5
ΔVIOFFSET
Input offset voltage drift
-
-
±3.0
-
μV/°C
TRIMOFFSETP
TRIMLPOFFSETP
Offset trim step at low
common input voltage
(0.1*VDDA)
--
1.1
1.5
mV
TRIMOFFSETN
TRIMLPOFFSETN
Offset trim step at high
common input voltage
(0.9*VDDA)
--
1.1
1.5
ILOAD
Drive current
-
-
-
500
μA
ILOAD_PGA
Drive current in PGA mode
-
-
-
270
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode rejection
ratio
--
80
-
dB
PSRR
Power supply rejection
ratio
CLOAD ≤ 50pf /
RLOAD ≥ 4 kΩ(2) at 1 kHz,
Vcom=VDDA/2
50
66
-
dB
GBW
Gain bandwidth for high
supply range
-
4
7.3
12.3
MHz
SR
Slew rate (from 10% and
90% of output voltage)
Normal mode
-
3
-
V/µs
High-speed mode
-
30
-
AO
Open loop gain
-
59
90
129
dB
φm
Phase margin
-
-
55
-
°
GM
Gain margin
-
-
12
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com