Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742VG Datasheet(PDF) 325 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 325 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 321Page - STMicroelectronics STM32H742VG Datasheet HTML 322Page - STMicroelectronics STM32H742VG Datasheet HTML 323Page - STMicroelectronics STM32H742VG Datasheet HTML 324Page - STMicroelectronics STM32H742VG Datasheet HTML 325Page - STMicroelectronics STM32H742VG Datasheet HTML 326Page - STMicroelectronics STM32H742VG Datasheet HTML 327Page - STMicroelectronics STM32H742VG Datasheet HTML 328Page - STMicroelectronics STM32H742VG Datasheet HTML 329Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 357 page
background image
DS12110 Rev 10
325/357
STM32H742xI/G STM32H743xI/G
Package information
348
8.3
TFBGA100 package information (A08Q)
This TFBGA is 100 - ball, 8X8 mm, 0.8 mm pitch fine pitch ball grid array package.
Note:
See list of notes in the notes section.
Figure 122. TFBGA100 - Outline(13)
A08Q_UFBGA100_ME_V2
e
D
A
Øb (N balls)
E
SIDE VIEW
BOTTOM VIEW
1
A
A
B
ddd
C
D1
E1
eee
C A B
fff
Ø
Ø
M
M
C
A1 ball pad
corner
A1 ball pad
corner
SD
e
B
C
D
E
G
H
J
234
5
6
7
89
A2
C
(4x)
8
Seating
plane
A1
aaa C
ccc C
(DATUM A)
(DATUM B)
7
F
SE
10
K
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com