Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT100 Datasheet(PDF) 6 Page - Quantum Research Group

Part # QT100
Description  CHARGE-TRANSFER IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT100 Datasheet(HTML) 6 Page - Quantum Research Group

Back Button QT100 Datasheet HTML 2Page - Quantum Research Group QT100 Datasheet HTML 3Page - Quantum Research Group QT100 Datasheet HTML 4Page - Quantum Research Group QT100 Datasheet HTML 5Page - Quantum Research Group QT100 Datasheet HTML 6Page - Quantum Research Group QT100 Datasheet HTML 7Page - Quantum Research Group QT100 Datasheet HTML 8Page - Quantum Research Group QT100 Datasheet HTML 9Page - Quantum Research Group QT100 Datasheet HTML 10Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4 Specifications
4.1 Absolute Maximum Specifications
Operating temp........................................................................................................ -40ºC to +85ºC
Storage temp........................................................................................................ -55OC to +125OC
VDD................................................................................................................... -0.5 to +5.25V
Max continuous pin current, any control or drive pin.............................................................................. ±20mA
Short circuit duration to VSS, any pin............................................................................................. infinite
Short circuit duration to VDD, any pin............................................................................................ infinite
Voltage forced onto any pin................................................................................... -0.6V to (VDD + 0.6) Volts
4.2 Recommended Operating Conditions
VDD..................................................................................................................... +2.0 to 5.0V
Short-term supply ripple+noise.................................................................................................. ±5mV
Long-term supply stability.................................................................................................... ±100mV
Cs value................................................................................................................. 2nF to 50nF
Cx value................................................................................................................... 5 to 20pF
4.3 AC Specifications
VDD = 3.0V, Cs = 10nF, Cx = 5pF, Ta = recommended range, unless otherwise noted
µs
15
Heartbeat pulse width
THB
ms
100
Response time
TR
Cs and Cx dependent
ms
Burst length
TBL
VDD=5V. Increases with reducing VDD
ms
70
Time between end of burst and
start of the next (LP mode)
TG2
VDD=5V
ms
1
Time between end of burst and
start of the next (Fast mode)
TG1
±7.5% spread spectrum variation
µs
2
Transfer duration
TPT
±7.5% spread spectrum variation
µs
2
Charge duration
TPC
Cs, Cx dependent
ms
250
Recalibration time
TRC
Notes
Units
Max
Typ
Min
Description
Parameter
4.4 Signal Processing
Will vary in SYNC mode
secs
30
Post-detection recalibration timer duration
ms/level
1,000
Negative drift compensation rate
ms/level
2,000
Positive drift compensation rate
samples
4
Consensus filter length
counts
2
Hysteresis
counts
10
Threshold differential
Notes
Units
Max
Typ
Min
Description
lQ
6
QT100-ISG R3.06/0606


Similar Part No. - QT100

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT100 QUANTUM-QT100 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100-ISG QUANTUM-QT100-ISG Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100-ISG QUANTUM-QT100-ISG Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
More results

Similar Description - QT100

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT60320 QUANTUM-QT60320 Datasheet
376Kb / 14P
   32 KEY QMATRIX CHARGE-TRANSFER IC
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com