Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT114 Datasheet(PDF) 7 Page - Quantum Research Group

Part # QT114
Description  CHARGE-TRANSFER QLEVEL SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT114 Datasheet(HTML) 7 Page - Quantum Research Group

Back Button QT114 Datasheet HTML 3Page - Quantum Research Group QT114 Datasheet HTML 4Page - Quantum Research Group QT114 Datasheet HTML 5Page - Quantum Research Group QT114 Datasheet HTML 6Page - Quantum Research Group QT114 Datasheet HTML 7Page - Quantum Research Group QT114 Datasheet HTML 8Page - Quantum Research Group QT114 Datasheet HTML 9Page - Quantum Research Group QT114 Datasheet HTML 10Page - Quantum Research Group QT114 Datasheet HTML 11Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
swing, with an intermediate count at about 200 between the
two. Thus, the lower electrode level should cause a signal
swing that (when 'dry') starts at 300 or more and when
covered ends at about 200. The upper electrode when
covered should generate a signal level of 100 or less.
There is a hysteresis of 3 counts around both T1 and T2.
The signal can be viewed for setup purposes with an
oscilloscope via a 10x or FET probe connected to a 2M ohm
resistor as shown in Figure 1-1; the resistor is required to
reduce the loading effect of the scope probe capacitance.
When viewed this way the signal will appear as a declining
slope (Figure 3-1). The duration of the slope corresponds to
the burst length: each count of burst takes approximately 7
microseconds on average. The ‘low level’ threshold at 250
counts is at 1750 microseconds from the start of the
waveform, while the 150 count ‘upper’ threshold is at about
1050 microseconds from the start, at 3 volts Vcc. These trip
points can be easily observed by monitoring the OUT lines
while watching the signal on a scope, by increasing Cx
loading until each OUT line activates in turn. FILT should be
off to speed up response during testing.
The QT114's internal clock is dependent on Vcc; as a result,
the threshold points in terms of delay time from the start of
the burst are also substantially dependent on Vcc, but they
are always fixed in terms of signal counts. A regulated power
supply is strongly advised to maintain the proper calibration
points.
Potentiometer adjustment:
The external potentiometer
shown in Figure 1-1 is optional and in most cases not
required. In situations where the electrode pickup signal is
weak, trimming may be necessary on a production basis to
make the device sensitive enough. Trimming affects the
baseline reference of the signal, and thus effects the amount
of change in the signal required to cause a threshold
crossing.
Potentiometer trimming is not a substitute for a good choice
of Cs. In low signal situations Cs should still be determined
by design to allow the baseline signal to be just beyond T1
as viewed on a scope. The trimmer should then be added
and the baseline adjusted to the necessary final resting
point.
The trimmer should never be adjusted so that the resistance
from ground to SNS1 or SNS2 is less than 200K ohms. If the
resistance is less than this amount, the gain of the circuit will
be appreciably reduced and it may stop functioning
altogether. A 200K resistor from the wiper to ground can
be added to limit trim current at the extremes of wiper
travel.
3.3 INTERFACING
3.3.1 OUT LINES AND POLARITY SELECTION
The QT114 has two OUT pins, OUT1 and OUT2, which
correspond to the crossings of signal at T1 and T2
respectively. Each output will become active after the
threshold is crossed, and after the slosh filter (if enabled)
has settled to its final state. The polarity of the OUT lines
is determined by pin 5, 'POL', as follows:
POL = Gnd
Outputs active low
POL = Vcc
Outputs active high
There is no timeout on these outputs; the OUT lines will
remain active for as long as the thresholds are crossed.
The OUT lines can sink up to 5mA of non-inductive current.
If an inductive load is used, like a small relay, the load
should be diode clamped to prevent device damage.
POL strapping can be changed 'on the fly'.
Cycling and Stiction: Care should be taken when the QT114
and the loads are powered from the same supply, and the
supply is minimally regulated. The QT114 derives its internal
references from the power supply, and sensitivity shifts can
occur with changes in Vcc, as happens when loads are
switched on. This can induce detection ‘cycling’, whereby a
trip point is crossed, the load is turned on, the supply sags,
the trip is no longer sensed, the load is turned off, the supply
rises and the trip point is reacquired, ad infinitum. To prevent
this occurrence, the outputs should only be lightly loaded if
the device is operated from a poorly regulated supply.
Detection ‘stiction’, the opposite effect, can occur if a load is
shed when an Out line becomes active.
3.3.2 HEARTBEAT™ OUTPUT
Both OUT lines have a full-time HeartBeat™ ‘health’
indicator superimposed on them. These operate by taking
both OUT pins into a 3-state mode for 350µs once before
every QT measurement burst. This state can be used to
determine that the sensor is operating properly, or, it can be
ignored using one of several simple methods.
If active-low polarity is selected, the HeartBeat indicator can
be sampled by using a pulldown resistor on one or both OUT
lines, and feeding the resulting negative-going pulse(s) into a
counter, flip flop, one-shot, or other circuit (Figure 3-2). In
this configuration,
the pulldown resistor will
create
negative-going HeartBeat pulses when the sensor is not
detecting fluid; when detecting fluid, the OUT line will remain
low for the duration of the detection, and no pulse will be
evident. Conversely, a pull-up resistor will show HeartBeat
pulses when the line is low (detecting).
If active-high OUT polarity is selected, the pulses will only
appear if there is a pull-up resistor in place and the fluid is
not present (no detection, low output), or, if there is a
pull-down resistor and the output is active (high output).
If the sensor is wired to a microprocessor as shown in Figure
3-3, the microprocessor can reconfigure the load resistor to
either ground or Vcc depending on the output state of the
QT114, so that the pulses are evident in either state with
either POL setting.
- 7 -
Figure 3-1 Burst Waveform at 2M Pickoff Resistor


Similar Part No. - QT114

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT114

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
Quantum Research Group
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com