Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT114 Datasheet(PDF) 11 Page - Quantum Research Group

Part # QT114
Description  CHARGE-TRANSFER QLEVEL SENSOR IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT114 Datasheet(HTML) 11 Page - Quantum Research Group

Back Button QT114 Datasheet HTML 4Page - Quantum Research Group QT114 Datasheet HTML 5Page - Quantum Research Group QT114 Datasheet HTML 6Page - Quantum Research Group QT114 Datasheet HTML 7Page - Quantum Research Group QT114 Datasheet HTML 8Page - Quantum Research Group QT114 Datasheet HTML 9Page - Quantum Research Group QT114 Datasheet HTML 10Page - Quantum Research Group QT114 Datasheet HTML 11Page - Quantum Research Group QT114 Datasheet HTML 12Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4.5 DC SPECIFICATIONS
Vcc = 3.0V, Cs = 10nF, Cx = 10pF, TA = recommended range, unless otherwise noted
Cs = 20nF, Cx = 30pF
pF/count
0.33
Sensitivity [T2]
S[2]
Cs = 20nF, Cx = 10pF
pF/count
0.125
Sensitivity [T1]
S[1]
pF
50
0
Load capacitance range
CX
FILT, POL
µA
±1
Input leakage current
IIL
OUT1, OUT2, 1mA source
V
Vdd-0.8
High output voltage
VOH
OUT1, OUT2, 5mA sink
V
0.6
Low output voltage
VOL
FILT, POL
V
2.2
High input logic level
VHL
FILT, POL
V
0.8
Low input logic level
VIL
Required for proper startup
V/s
100
Supply turn-on slope
VDDS
µA
20
Supply current
IDD
V
5.25
2.45
Supply voltage
VCC
Notes
Units
Max
Typ
Min
Description
Parameter
FIGURE 4-1
FIGURE 4-2
4.6 PACKAGING
AVAILABLE TYPES:
DIP-8
0.26" / 6.5mm body, 0.100" pitch, plastic
D suffix
SO8N
0.15" / 3.9mm body, 0.050" pitch, plastic
S suffix
Refer to QT110 datasheet for complete dimensional information
4.7 CUSTOMIZATION
QT114 technology can be customized to suit specific requirement, often with little NRE charge or change in part cost.
Consult your rep or the factory for further information, or email to: sales@qprox.com
- 11 -
Gain vs. Cx Load; Cs = 20nF; Vcc = 3.0
0
2
4
6
8
10
12
14
16
18
0.00
10.00
20.00
30.00
40.00
Cx Load, pF
Signal Level vs. Cx Load; Cs = 20nF; Vcc = 3.0
0
50
100
150
200
250
300
350
400
0.00
10.00
20.00
30.00
40.00
Cx Load, pF


Similar Part No. - QT114

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
QTOUCH??SENSOR IC
More results

Similar Description - QT114

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
CHARGE-TRANSFER TOUCH SENSOR
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
CHARGE-TRANSFER TOUCH SENSOR
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
4-KEY CHARGE-TRANSFER IC
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
CHARGE-TRANSFER IC
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
CHARGE-TRANSFER TOUCH SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com