Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1080 Datasheet(PDF) 4 Page - Quantum Research Group

Part # QT1080
Description  8 KEY QTOUCH SENSOR IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1080 Datasheet(HTML) 4 Page - Quantum Research Group

  QT1080 Datasheet HTML 1Page - Quantum Research Group QT1080 Datasheet HTML 2Page - Quantum Research Group QT1080 Datasheet HTML 3Page - Quantum Research Group QT1080 Datasheet HTML 4Page - Quantum Research Group QT1080 Datasheet HTML 5Page - Quantum Research Group QT1080 Datasheet HTML 6Page - Quantum Research Group QT1080 Datasheet HTML 7Page - Quantum Research Group QT1080 Datasheet HTML 8Page - Quantum Research Group QT1080 Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1.2 Wiring
Table 1.1 Pinlist
Open
Out 7
O/OD
OUT_7
32
32
Open
Out 6
O/OD
OUT_6
31
31
Open
Out 5
O/OD
OUT_5
30
30
Open
Out 4
O/OD
OUT_4
29
29
Open
In binary coded mode, these
pins are clamped internally to
Vss
Out 3
O/OD
OUT_3
28
28
Open
Also, binary coded output 2
Out 2
O/OD
OUT_2
27
27
Open
Also, binary coded output 1
Out 1
O/OD
OUT_1
26
26
Open
Also, binary coded output 0
Out 0
O/OD
OUT_0
25
25
-
Leave open
-
-
n/c
23, 24
-
Open
Active = any key in detect
Detect Status
O/OD
DETECT
22
24
Vdd or Vss
Rising edge sync or LP pulse
Sync In or LP In
I
SYNC/LP
21
23
-
Leave open
-
-
n/c
18, 19, 20
-
-
0V
Ground
Pwr
Vss
17
22
-
Leave open
-
-
n/c
11, 12, 13,
14, 15, 16
-
Open
To Cs7 + Key
Sense pin
I/O
SN7K
10
21
Open or mode
resistoror option
resistor*
To Cs7 and/or mode resistor
or option resistor*
Sense pin and mode
or option select
I/O
SNS7
9
20
Open or
mode resistor
To Cs6 + Key and/or
mode resistor
Sense pin and
mode select
I/O
SNS6K
8
19
Open or
option resistor*
To Cs6 and/or
option resistor*
Sense pin and
option select
I/O
SNS6
7
18
Open
To Cs5 + Key
Sense pin
I/O
SNS5K
6
17
Open or
option resistor*
To Cs5 and/or
option resistor*
Sense pin and
option select
I/O
SNS5
5
16
Open
To Cs4 + Key
Sense pin
I/O
SNS4K
4
15
Open or
option resistor*
To Cs4 and/or
option resistor*
Sense pin and
option select
I/O
SNS4
3
14
Open
To Cs3 + Key
Sense pin
I/O
SNS3K
2
13
Open or
option resistor*
To Cs3 and/or
option resistor*
Sense pin and
option select
I/O
SNS3
1
12
Open
To Cs2 + Key
Sense pin
I/O
SNS2K
48
11
Open or
option resistor*
To Cs2 and/or
option resistor*
Sense pin and
option select
I/O
SNS2
47
10
Open
To Cs1 + Key
Sense pin
I/O
SNS1K
46
9
Open or
option resistor*
To Cs1 and/or
option resistor*
Sense pin and
option select
I/O
SNS1
45
8
Open
To Cs0 + Key
Sense pin
I/O
SNS0K
44
7
Option resistor
To Cs0 and/or
option resistor
Sense pin and
option select
I/O
SNS0
43
6
-
Leave open
-
-
n/c
38, 39, 40,
41, 42
5
-
Resistor to Vdd and optional
spread spectrum RC network
Oscillator
I
OSC
37
4
-
+2.8 ~ +5.0V
Power
Pwr
Vdd
36
3
Vdd
Active low reset
Reset input
I
/RST
35
2
-
Leave open
-
-
n/c
34
-
100K resistor to Vss
Spread spectrum drive
Spread spectrum
OD
SS
33
1
If Unused
Notes
Function
Type
Name
48-SSOP
Pin
32-QFN
Pin
Pin Type
I
CMOS input only
I/O
CMOS I/O
O
CMOS push-pull output
OD
CMOS open drain output
O/OD
CMOS push pull or open-drain output (option selected)
Pwr
Power / ground
Notes
Mode resistor is required only in Simplified mode (see Figure 1.2)
* Option resistor is required only in Full Options mode (see Figure 1.1)
Pin is either Sync or LP depending on options selected (functions SL_0, SL_1, see Figure 1.1)
lQ
4
QT1080 R11.06/0806


Similar Part No. - QT1080

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
QT1081-ISG QUANTUM-QT1081-ISG Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results

Similar Description - QT1080

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com