Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1080 Datasheet(PDF) 5 Page - Quantum Research Group

Part # QT1080
Description  8 KEY QTOUCH SENSOR IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1080 Datasheet(HTML) 5 Page - Quantum Research Group

  QT1080 Datasheet HTML 1Page - Quantum Research Group QT1080 Datasheet HTML 2Page - Quantum Research Group QT1080 Datasheet HTML 3Page - Quantum Research Group QT1080 Datasheet HTML 4Page - Quantum Research Group QT1080 Datasheet HTML 5Page - Quantum Research Group QT1080 Datasheet HTML 6Page - Quantum Research Group QT1080 Datasheet HTML 7Page - Quantum Research Group QT1080 Datasheet HTML 8Page - Quantum Research Group QT1080 Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 1.1 Connection Diagram - Full Options; Shown for 32-QFN Package
Table 1.2
AKS / Fast-Detect Options
Table 1.3
Max On-Duration
Table 1.4
Polarity and Output
Table 1.5
SYNC/LP Function
lQ
5
QT1080 R11.06/0806
SNS3
SNS3K
SNS4
SNS4K
SNS5
SNS5K
SNS6
SNS6K
SNS7
SNS7K
VSS
DETECT
SYNC/LP
SNS2K
SNS2
SNS1K
SNS1
SNS0K
SNS0
/RST
OUT_7
OUT_6
OUT_5
OUT_4
OUT_3
OUT_2
OUT_1
OUT_0
2.2K
10K
4.7nF
10K
10K
10K
10K
4.7nF
4.7nF
4.7nF
2.2K
2.2K
2.2K
2.2K
KEY 2
10K
10K
10K
4.7nF
4.7nF
4.7nF
2.2K
2.2K
OUT_1
OUT_0
DETECT OUT
SYNC or LP IN
OUT_2
OUT_3
OUT_4
OUT_5
OUT_6
OUT_7
2.2K
QT1080
32-QFN
4.7nF
1M
1M
1M
1M
1M
Vdd / Vss
Vdd / Vss
Vdd / Vss
Vdd / Vss
Vdd / Vss
1M
Vdd / Vss
1M
Vdd / Vss
1M
Vdd / Vss
POL
MOD_1
OUT_D
SL_0
SL_1
MOD_0
AKS_1
AKS_0
OUT_0
VDD
Vunreg
*4.7uF
*4.7uF
*100nF
+2.8 ~ +5V
Voltage Reg
VDD
12
13
15
16
17
18
19
20
21
24
23
11
10
9
8
7
6
3
2
32
31
30
29
28
27
26
25
22
KEY 1
KEY 0
KEY 3
KEY 4
KEY 5
KEY 6
KEY 7
R
SNS3
C
S3
R
SNS4
R
SNS5
R
SNS6
R
SNS7
C
S4
C
S5
C
S6
C
S7
R
S3
R
S4
R
S5
R
S6
R
S7
C
S2
R
S2
R
SNS2
R
SNS1
R
SNS0
R
S1
R
S0
C
S1
C
S0
Vdd Range
Rb1
Rb2
3.6 ~ 5V
2.8 ~ 3.59V
12K
22K
15K
27K
Recommended Rb1, Rb2 Values
OSC
SS
4
1
Rb1
Rb2
VDD
C
SS
The required value of spread-spectrum capacitor C
will vary according to the lengths of the acquire bursts,
see Section 3.2. A typical value of C
is 100nF.
SS
SS
Off
On, global
Vdd
Vdd
Off
On, in 2 groups
Vss
Vdd
Enabled
Off
Vdd
Vss
Off
Off
Vss
Vss
FAST-DETECT
AKS MODE
AKS_0
AKS_1
(reserved)
Vdd
Vdd
Infinite (disabled)
Vss
Vdd
60 seconds (nom) to recalibrate
Vdd
Vss
10 seconds (nom) to recalibrate
Vss
Vss
MAX ON-DURATION MODE
MOD_0
MOD_1
Direct, active low, push-pull
Vdd
Vdd
Direct, active high, push-pull
Vss
Vdd
Direct, active low, open-drain
Vdd
Vss
Binary coded, active high, push-pull
Vss
Vss
OUT_n, DETECT PIN MODE
POL
OUT_D
LP mode: 360ms nom response time
Vdd
Vdd
LP mode: 200ms nom response time
Vss
Vdd
LP mode: 110ms nom response time
Vdd
Vss
Sync
Vss
Vss
SYNC/LP PIN MODE
SL_0
SL_1


Similar Part No. - QT1080

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
QT1081-ISG QUANTUM-QT1081-ISG Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results

Similar Description - QT1080

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com