Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1080 Datasheet(PDF) 11 Page - Quantum Research Group

Part # QT1080
Description  8 KEY QTOUCH SENSOR IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1080 Datasheet(HTML) 11 Page - Quantum Research Group

Back Button QT1080 Datasheet HTML 7Page - Quantum Research Group QT1080 Datasheet HTML 8Page - Quantum Research Group QT1080 Datasheet HTML 9Page - Quantum Research Group QT1080 Datasheet HTML 10Page - Quantum Research Group QT1080 Datasheet HTML 11Page - Quantum Research Group QT1080 Datasheet HTML 12Page - Quantum Research Group QT1080 Datasheet HTML 13Page - Quantum Research Group QT1080 Datasheet HTML 14Page - Quantum Research Group QT1080 Datasheet HTML 15Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
4.6 Idd Curves (Average)
Cx = 5pF, Cs = 4.7nF, Ta = 20oC, Spread spectrum circuit of Fig. 1.1.
QT1080 Idd (360m s respons e) µA
0
50
100
150
200
250
300
2.533.5
44.555.5
Vdd(V)
Rb1=15K
Rb2=27K
Rb1=12K
Rb2=22K
QT1080 Idd (200m s respons e) µA
0
100
200
300
400
2.533.5
44.555.5
Vdd(V)
Rb1=15K
Rb2=27K
Rb1=12K
Rb2=22K
QT1080 Idd (110m s respons e) µA
0
100
200
300
400
500
2.533.5
44.555.5
Vdd(V)
Rb1=15K
Rb2=27K
Rb1=12K
Rb2=22K
QT1080 Idd (norm al m ode) m A
0.0
1.0
2.0
3.0
4.0
5.0
2.5
3
3.5
4
4.5
5
5.5
Vdd(V)
Rb1=15K
Rb2=27K
Rb1=12K
Rb2=22K
Cx = 5pF, Cs = 4.7nF, Ta = 20oC, Rosc = 18K
Ω; no spread spectrum circuit
QT1080 Idd (360m s re sponse) µA
0
25
50
75
100
125
2.5
3
3.544.5
55.5
Vdd(V)
QT1080 Idd (200m s re sponse) µA
0
50
100
150
200
250
2.5
3
3.5
4
4.5
5
5.5
Vdd(V)
QT1080 Idd (110m s re sponse) µA
0
100
200
300
400
2.5
3
3.5
4
4.5
5
5.5
Vdd(V)
QT1080 Idd (norm al m ode ) m A
0.0
1.0
2.0
3.0
4.0
5.0
2.5
3
3.5
4
4.5
5
5.5
Vdd(V)
lQ
11
QT1080 R11.06/0806


Similar Part No. - QT1080

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
QT1081-ISG QUANTUM-QT1081-ISG Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results

Similar Description - QT1080

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com