Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS064JB0BAWTY2 Datasheet(PDF) 118 Page - SPANSION

Part # S71WS064JB0BAWTY2
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JB0BAWTY2 Datasheet(HTML) 118 Page - SPANSION

Back Button S71WS064JB0BAWTY2 Datasheet HTML 114Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 115Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 116Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 117Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 118Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 119Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 120Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 121Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 122Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 186 page
background image
116
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Preli m inary
Functional Description
Synchronous Operation (Burst Mode)
/HJHQG/
9,/+
9,+ ; FDQ EH HLWKHU 9,/ RU 9,+9(
9DOLG (GJH3(/3
3RVLWLYH (GJH RI /RZ 3XOVH+LJK
=
+LJK ,PSHGDQFH
1RWHV
 6KRXOG QRW EHNHSW WKLVORJLF FRQGLWLRQORQJHU WKDQWKH VSHFLILHGWLPHRI—VIRU 0DQG —V IRU 0
 3RZHU 'RZQ PRGH FDQEHHQWHUHGIURP6WDQGE\ VWDWHDQGDOO'4 SLQV DUHLQ +LJK= VWDWH 'DWD UHWHQWLRQ GHSHQGV RQ WKH
VHOHFWLRQ RI 3DUWLDO 6L]H 5HIHU WRWKH 3RZHU'RZQ VHFWLRQ IRU GHWDLOV)
 9DOLG FORFN HGJH VKDOOEHVHWRQHLWKHU SRVLWLYH RU QHJDWLYH HGJHWKURXJK &56HW&/.PXVWEH VWDUWHGDQGVWDEOH SULRU WR
PHPRU\DFFHVV
 &DQ EH HLWKHU 9,/ RU9,+ H[FHSW IRU WKH FDVH WKHERWK RI 2(DQG :( DUH9,/ ,WLVSURKLELWHGWR EULQJWKH ERWKRI2( DQG
:( WR9,/
 :KHQ GHYLFH LV RSHUDWLQJ LQ ³:( 6LQJOH &ORFN 3XOVH &RQWURO´ PRGH :( LV GRQ¶W FDUH RQFH ZULWH RSHUDWLRQ LV GHWHUPLQHG E\
:(/RZ3XOVH DW WKH EHJLQQLQJRIZULWHDFFHVV WRJHWKHU ZLWKDGGUHVVODWFKLQJ:ULWHVXVSHQG IHDWXUHLVQRW VXSSRUWHG LQ
³:( 6LQJOH&ORFN3XOVH&RQWURO´PRGH
 &DQ EH HLWKHU 9,/ RU9,+ EXWPXVWEHYDOLG EHIRUH5HDG RU:ULWHLVGHWHUPLQHG $QG RQFH 8% DQG /% LQSXWV DUH
GHWHUPLQHG WKH\ PXVW QRW EH FKDQJHGXQWLOWKHHQGRI EXUVW
 2QFHYDOLGDGGUHVV LVGHWHUPLQHGLQSXW DGGUHVVPXVWQRWEH FKDQJHGGXULQJ$'9
/
 ,I 2(
/RXWSXWLVHLWKHU,QYDOLG RU +LJK= GHSHQGLQJ RQWKHOHYHORI8%DQG /% LQSXW,I:(
/,QSXW LV ,QYDOLG ,I
2(
:(
+RXWSXWLV+LJK=
 2XWSXWLVHLWKHU 9DOLG RU +LJK=GHSHQGLQJ RQWKHOHYHO RI 8% DQG /% LQSXW
 ,QSXWLV HLWKHU 9DOLGRU ,QYDOLGGHSHQGLQJ RQ WKHOHYHO RI 8%DQG /% LQSXW
 2XWSXWLVHLWKHU +LJK=RU ,QYDOLGGHSHQGLQJRQWKHOHYHORI2(DQG:(LQSXW
 .HHS WKHOHYHOIURPSUHYLRXVF\FOH H[FHSW IRU VXVSHQGLQJRQ ODVWGDWD 5HIHU WR³:$,7 2XWSXW)XQFWLRQ´IRU GHWDLOV
 :$,7RXWSXW LV GULYHQLQ+LJKOHYHOGXULQJZULWH RSHUDWLRQ
0RGH
&( &(
&/.
$'9
:(
2(
/%
8%
$
'4
'4
:$,7
6WDQGE\ 'HVHOHFW
+
+
;
;
;
;
;
;
;
+LJK=
+LJK=
+LJK=
6WDUW$GGUHVV
/DWFK
1RWH
/
9(
1RWH
3(/3
;
1RWH 
;
1RWH 
;
1RWH
;
1RWH
9DOLG
1RWH
+LJK=
1RWH
+LJK=
1RWH
+LJK=
1RWH
$GYDQFH%XUVW
5HDG WR 1H[W
$GGUHVV 1RWH 
9(
1RWH
+
+
/
;
2XWSXW
9DOLG
1RWH
2XWSXW
9DOLG
1RWH
2XWSXW
9DOLG
%XUVW 5HDG
6XVSHQG
1RWH
9(
1RWH
+
+LJK=
+LJK=
+LJK
1RWH
$GYDQFH%XUVW
:ULWHWR 1H[W
$GGUHVV 1RWH 
9(
1RWH
/
1RWH 
+
,QSXW
9DOLG
1RWH
,QSXW
9DOLG
1RWH

+LJK
1RWH
%XUVW :ULWH
6XVSHQG 1RWH
9(
1RWH
+
1RWH 
,SXW
,QYDOLG
,SXW
,QYDOLG
+LJK
1RWH
7HUPLQDWH%XUVW
5HDG
9(
;
+
;
+LJK=
+LJK=
+LJK=
7HUPLQDWH%XUVW
:ULWH
9(
;
;
+
+LJK=
+LJK=
+LJK=
3RZHU 'RZQ
1RWH
/;
;
;
;
;
;
;
;
+LJK=
+LJK=
+LJK=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com