Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS064JB0BAWTY2 Datasheet(PDF) 183 Page - SPANSION

Part # S71WS064JB0BAWTY2
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JB0BAWTY2 Datasheet(HTML) 183 Page - SPANSION

Back Button S71WS064JB0BAWTY2 Datasheet HTML 178Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 179Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 180Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 181Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 182Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 183Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 184Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 185Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 186Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 183 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
181
Prel imin ar y
1RWHV
 7KLV WLPLQJ GLDJUDP DVVXPHV&( +
 &( FDQ EHWLHG WR/RZ IRU:( DQG2(FRQWUROOHGRSHUDWLRQ
Figure 104.
Read / Write Timing #3 (OE, WE, LB, UB Control
1RWH 7KHW&++ VSHFLILHV DIWHU9'' UHDFKHV VSHFLILHGPLQLPXPOHYHODQGDSSOLFDEOHERWK&( DQG&(
Figure 105.
Power-Up Timing
1RWH 7KLV 3RZHUGRZQPRGHFDQ EHDOVR XVHGDV D UHVHWWLPLQJLI3RZHUXS WLPLQJDERYH FRXOGQRW EHVDWLVILHGDQG
3RZHUGRZQSURJUDP ZDV QRWSHUIRUPHGSULRUWR WKLV UHVHW
Figure 106.
Power-Down Entry and Exit Timing
$GGUHVV
&( 
'4
:(
W:&
W%:
2(
8% 
/%
W%$
:ULWH$GGUHVV
W$6
W5&
:ULWH'DWD,QSXW
W'6
W%+=
W2+
W$$
5HDG$GGUHVV
W'+
W%/=
W2+
5HDG 'DWD
2XWSXW
W%+=
/RZ
W$62
W2+$+
W2+$+
W2(6
W:+2
W:5
5HDG'DWD
2XWSXW
&( 
9''
9'' PLQ
9
&(
W&++
W&63
&( 
3RZHU 'RZQ (QWU\
W&/3
W&++
3RZHU 'RZQ0RGH
3RZHU 'RZQ([LW
W&+6
'4
+LJK=
&(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com