Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

437022050 Datasheet(PDF) 1 Page - Ulti-Mate Connector Inc

Part # 437022050
Description  MICRO-D STRIP CIRCUIT CONNECTOR, HIGH TEMP, SR02S0-L02-HT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTI-MATE [Ulti-Mate Connector Inc]
Direct Link  https://www.ultimateconnector.com/
Logo ULTI-MATE - Ulti-Mate Connector Inc

437022050 Datasheet(HTML) 1 Page - Ulti-Mate Connector Inc

  437022050 Datasheet HTML 1Page - Ulti-Mate Connector Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.125
.080
MAX.
SKT 1
SKT 2
.050
.100
.100 TYP.
.100 TYP.
24 AWG (
.020)
SOLID WIRE LEADS
2 PLACES
1
.125
.125
.015
.060 MAX.
EPOXY WICKING
.050
1
.100
TYP.
.100
TYP.
.050
1
RECOMMENDED PCB LAYOUT
CL
CL
2
NOTES: UNLESS OTHERWISE SPECIFIED
2 MATERIALS:
INSULATOR: PPS PER MIL-M-24519 GST-40F, COLOR: BLK
SOCKET CONTACTS: C21000 BRASS ALLOY PER ASTM B36, GOLD PLATED PER ASTM B488
24 AWG LEADS: GOLD PLATED COPPER ALLOY
1. MARKINGS: DATE CODE ONLY ON PART. BAG AND TAG WITH 'UMI', AND UMI P/N
3. PERFORMANCE SPECIFICATIONS:
CURRENT RATING: 3A MAX. AT AMBIENT TEMPERATURE
INSULATION RESISTANCE: 5000 MΩ MIN.
DWV: 600 VAC
TEMPERATURE RATING: 200 C
1
1
SD-437022050.slddrw
437022050
SD-437022050
8:1
JB 01/07/2015
DW 1-9-15
DW 1-9-15
2
MICRO-D STRIP CIRCUIT CONNECTOR,
HIGH TEMP,
SR02S0-L02-HT
-
-
01/07/2015
DW
DW
UMI5501
-
SD-437022050
A
10
2
3
4
5
6
7
8
9
F
E
D
C
B
B
DRAWING NO.
REVISE ON CAD ONLY
DWG SIZE
CHECKED BY & DATE
C
SCALE
QUALITY
SYMBOLS
THIRD ANGLE
PROJECTION
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO ULTI-MATE
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION.
OF
SHEET NO.
Ulti-Mate CAGE CODE
58967
CAD FILENAME
PART REV.
PART NO.
MATERIAL
DRAWN BY & DATE
TITLE
UNLESS SPECIFIED:
ALL DIMENSIONS IN INCHES
GENERAL TOLERANCES:
3 PLACE .005
2 PLACE .01
ANGULAR 2
MAJOR
CRITICAL
APPROVED BY & DATE
NO SYMBOL
= MINOR
DIMENSION
REVISIONS
PART REV. DWG. ISSUE
DATE
ECN NO.
APPVD. BY
REL. BY
ENG PROJECT #
ALL EXTERNAL SPECIFICATIONS
REFERENCED ON THIS
DRAWING SHALL BE THE LATEST
REVISION IN EFFECT


Similar Part No. - 437022050

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
437022081 ULTI-MATE-437022081 Datasheet
67Kb / 1P
   MICRO-D STRIP CONNECTOR, RECEPTACLE, SIZE 2 W/GUIDE PIN, HI-TEMP SR02S1-L01-HT
02/04/2014
More results

Similar Description - 437022050

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-437052051 ULTI-MATE-SD-437052051 Datasheet
90Kb / 1P
   MICRO-D STRIP CONNECTOR, HIGH TEMP, SR05S1-L02-HT
1-9-15
SD-437072051 ULTI-MATE-SD-437072051 Datasheet
119Kb / 1P
   MICRO-D STRIP CONNECTOR, HIGH TEMP, SR07S1-L02-HT
1-9-15
SD-437091903 ULTI-MATE-SD-437091903 Datasheet
107Kb / 1P
   MICRO STRIP CIRCUIT CONNECTOR, SR09P1-L02-HT, HIGH-TEMP, .200 SPECIAL LENGTH
12/19/14
SD-437092904 ULTI-MATE-SD-437092904 Datasheet
182Kb / 1P
   MICRO STRIP CIRCUIT CONNECTOR, SR09S1-L02-HT, HIGH-TEMP, .200 SPECIAL LENGTH
12/19/14
SD-437062051 ULTI-MATE-SD-437062051 Datasheet
105Kb / 1P
   MICRO-D STRIP CONNECTOR, RECEPTACLE, SIZE 6 W/GUIDE PIN, HI-TEMP SR06S1-L02-HT
10-14-14
SD-837022510 ULTI-MATE-SD-837022510 Datasheet
108Kb / 1P
   MICRO STRIP CONNECTOR, SR02S0-28Y5-8.0
1/22/19
SD-837022060 ULTI-MATE-SD-837022060 Datasheet
84Kb / 1P
   MICRO STRIP CONNECTOR, SR02S0-26M5-18.0
4/30/18
SD-436231117 ULTI-MATE-SD-436231117 Datasheet
84Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CM1R21S07-S01-HT, HIGH-TEMP
5/1/17
SD-436231118 ULTI-MATE-SD-436231118 Datasheet
154Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CM1R21S07T-S01-HT, HIGH TEMP
1/6/20
SD-436241817 ULTI-MATE-SD-436241817 Datasheet
127Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CM8R25S07-S01-HT, HIGH-TEMP
9/20/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com