Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-839040132 Datasheet(PDF) 1 Page - Ulti-Mate Connector Inc

Part # SD-839040132
Description  MICRO-D CIRCUIT CONNECTOR, CM1R51-3S07-24C4-S01-HT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTI-MATE [Ulti-Mate Connector Inc]
Direct Link  https://www.ultimateconnector.com/
Logo ULTI-MATE - Ulti-Mate Connector Inc

SD-839040132 Datasheet(HTML) 1 Page - Ulti-Mate Connector Inc

  SD-839040132 Datasheet HTML 1Page - Ulti-Mate Connector Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
C
E
F
2
.01
DIMENSIONS
REL BY
APPVD BY
DWG SIZE
PART NO.
ECN NO.
DATE
DWG
REV
C
= MINOR
ISSUE
B
CRITICAL
10
PART
ENG PROJECT #:
MAJOR
QUALITY
SYMBOLS
NO SYMBOLS
.005
GENERAL TOLERANCES:
2 PLACES
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION.
PART REV.
SHEET NO.
DRAWING NO.
MATERIAL:
TITLE:
CAD FILE NAME
APPROVED BY & DATE
58967
ULTI-MATE CAGE CODE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO ULTI-MATE
ALL DIMENSIONS ARE IN INCHES
B
SCALE
CHECKED BY & DATE
DRAWN BY & DATE
UNLESS OTHERWISE SPECIFIED:
PROJECTION
REVISE ON CAD ONLY
2
3
4
5
6
7
8
9
ANGULAR
3 PLACES
THIRD ANGLE
A
SD-839040132.slddrw
DW
-
-
17 15
13
11
27
8
6
4
2
839040132
UMI5707
35
33
31 29
46 43
41
25 23
21 19
19 21 23 25 41 43 46 29 31 33 35
8/7/17
TYP.
NONE
NONE
SD-839040132
3
SD-839040132
2
4
6
8
27 11 13 15 17
-
TYP.
NOTES: UNLESS OTHERWISE SPECIFIED.
DU 8/8/17
HARDWARE: PASSIVATED STAINLESS STEEL IAW MIL-DTL-83513/5
UMI6456
DW
-
36 37 38 39 40 44 47 48 49 50 51
RECOMMENDED PCB LAYOUT
8/10/15
51
50 49
48
47 44
40
39 38
37
36
A
2
24 AWG LEADS: GOLD PLATED COPPER ALLOY
SOCKET CONTACTS: C21000 COPPER ALLOY PER ASTM B36, GOLD PLATED PER ASTM B488
INSULATOR AND BACKSHELL: PPS PER MIL-M-24519 GST-40F, COLOR: BLACK
C
3
INTERFACIAL SEAL: FLUOROSILICONE PER MIL-R-25988
1. CONNECTOR ASSEMBLY IS IAW MIL-DTL-83513 UNLESS OTHERWISE SPECIFIED.
SHELL: 6061-T6 ALUMINUM PER AMS-QQ-A200/8, NICKEL PLATED PER AMS-2404
1 of 1
DW
DW
DW 8/8/17
DW 8/8/17
PCB VIEW
2
MARKING: "UMI", DATE CODE, UMI PART NUMBER, UMI WORK ORDER NUMBER
5
5
18
16 14
12
10
9
7
5
3
1
2X
NUMBERS, (LEAD LOCATIONS), ARE SHOWN FOR
20 22 24 26 42 45 28 30 32 34
2X
REFERENCE ONLY AND DO NOT APPEAR ON ACTUAL PART.
1
3
5
7
9
10 12 14 16 18
MATERIALS:
4. PERFORMANCE SPECIFICATIONS (AT AMBIENT TEMPERATURE):
CURRENT RATING: 3 AMPS MAX.
DWV: 600 VAC
TEMPERATURE RATING: 200
(24 AWG)
34
32
30 28
45 42
26
24
22 20
MICRO-D CIRCUIT CONNECTOR,
CM1R51-3S07-24C4-S01-HT
.100 TYP.
.108
1.215
.050 TYP.
.050 TYP.
.100 TYP.
SKT 1
SKT 51
MAX.
1.435 MAX.
.351
1.215
.015
.109
.020
2-56 JACKPOST
MAX.
.30
.100 TYP.
.15 TYP.
2X
.100 TYP.
.050 TYP.
.108
.650
.093 THRU
POSITION 51
POSITION 1


Similar Part No. - SD-839040132

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-839040131 ULTI-MATE-SD-839040131 Datasheet
54Kb / 1P
CM1R25S07-24C4-S01-HT STYLE 1 BACKSHELL, HI-TEMP, CIRCUIT CONNECTOR, FEMALE, SIZE 25,
2-26-10
SD-839040136 ULTI-MATE-SD-839040136 Datasheet
42Kb / 1P
Micro-D Wired Standard Profile 9 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 36 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
8-13-18
SD-839040137 ULTI-MATE-SD-839040137 Datasheet
98Kb / 1P
MICRO-D CONNECTOR, SOLDER CUP, RECEPTACLE, HI-TEMP, SIZE 15 MR15T02-S01-HT
7-3-13
More results

Similar Description - SD-839040132

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-436121918 ULTI-MATE-SD-436121918 Datasheet
187Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM7R15P07T-24C4-S01-HT
8/22/18
SD-436211817 ULTI-MATE-SD-436211817 Datasheet
101Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM8R09S07-S01-HT, HIGH-TEMP
9/20/18
SD-436231117 ULTI-MATE-SD-436231117 Datasheet
84Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM1R21S07-S01-HT, HIGH-TEMP
5/1/17
SD-436231118 ULTI-MATE-SD-436231118 Datasheet
154Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM1R21S07T-S01-HT, HIGH TEMP
1/6/20
SD-436241817 ULTI-MATE-SD-436241817 Datasheet
127Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM8R25S07-S01-HT, HIGH-TEMP
9/20/18
SD-436311118 ULTI-MATE-SD-436311118 Datasheet
132Kb / 1P
MICRO-D CIRCUIT CONNECTOR, "APR" SERIES, CAP1R09P07T-24C4-S01-HT
09/18/19
SD-834271887 ULTI-MATE-SD-834271887 Datasheet
199Kb / 1P
MICRO-D CONNECTOR ASSEMBLY, MR51-3S07-24M6-18.0-S01
9/29/17
SD-836171110 ULTI-MATE-SD-836171110 Datasheet
151Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM1R51-3P0-S01
8/21/18
SD-836171128 ULTI-MATE-SD-836171128 Datasheet
145Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM1R51-3P07T-S01, .140 LEADS, NICKEL PLATED
11/30/15
SD-836271128 ULTI-MATE-SD-836271128 Datasheet
118Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM1R51-3S07T-S01, .140 LEADS, NICKEL PLATED
11/30/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com