Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1210BC-URUB Datasheet(PDF) 1 Page - Bivar, Inc.

Part # SM1210BC-URUB
Description  SURFACE MOUNT LED RED/BLUE, 1210 PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SM1210BC-URUB Datasheet(HTML) 1 Page - Bivar, Inc.

  SM1210BC-URUB Datasheet HTML 1Page - Bivar, Inc. SM1210BC-URUB Datasheet HTML 2Page - Bivar, Inc. SM1210BC-URUB Datasheet HTML 3Page - Bivar, Inc. SM1210BC-URUB Datasheet HTML 4Page - Bivar, Inc. SM1210BC-URUB Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/09
Page 1 of 5
Part Number
Material
Emitted Color
Peak
Wavelength
λp(nm) TYP.
Lens
Appearance
Luminous
Intensity
(mcd) TYP.
Viewing Angle
SM1210BC-
UR/UB
AlGaInP
RED
630
Water Clear
24
InGaN
BLUE
468
8.2
130°
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Level 4
Outline Dimensions
SM1210BC-UR/UB
Industry Standard Package
RoHS Compliant
Two Chips in One Package
Water Clear Lens
Wide Viewing Angle
Ideal for Status Indication and Lighting
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
SURFACE MOUNT LED
RED/BLUE, 1210 PACKAGE
Bivar Surface Mount 1210 package Bi-Color LED combines two chips in a single package. They are
ideal for small scale applications where multiple signals need to be displayed. When needed, the third
color can be created by powering up both chips together. Bivar offers water clear LED lens for high
luminous intensity and wide viewing angles. Wide variety of color and intensity combinations are avail-
able to meet any illumination need. The SM1210 LED is packaged in standard tape and reels for pick
and place assemblies.


Similar Part No. - SM1210BC-URUB

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM1210BC-AG BIVAR-SM1210BC-AG Datasheet
612Kb / 5P
SURFACE MOUNT LED AMBER/GREEN, 1210 PACKAGE
Revision A 03/09
SM1210BC-SRHG BIVAR-SM1210BC-SRHG Datasheet
614Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1210 PACKAGE
Revision A 03/09
SM1210BC-YG BIVAR-SM1210BC-YG Datasheet
606Kb / 5P
SURFACE MOUNT LED YELLOW/GREEN, 1210 PACKAGE
Revision A 03/09
More results

Similar Description - SM1210BC-URUB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1210RGB ETC2-SM1210RGB Datasheet
580Kb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 1210 PACKAGE
logo
Bivar, Inc.
SM1210RGB BIVAR-SM1210RGB Datasheet
576Kb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 1210 PACKAGE
Revision A 03/09
SM1210BC-SRHG BIVAR-SM1210BC-SRHG Datasheet
614Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1210 PACKAGE
Revision A 03/09
SM1210BC BIVAR-SM1210BC Datasheet
614Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1210 PACKAGE
Revision A 03/09
logo
Marktech Corporate
MTSM735KA-UR-A MARKTECH-MTSM735KA-UR-A Datasheet
86Kb / 2P
1210 Red Surface Mount LED
logo
Bivar, Inc.
SM1204BC-RB BIVAR-SM1204BC-RB Datasheet
584Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Revision A 01/10
logo
List of Unclassifed Man...
SM1204BC-R ETC2-SM1204BC-R Datasheet
589Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
logo
Bivar, Inc.
SM0605BC-RB BIVAR-SM0605BC-RB Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/BLUE, 0605 PACKAGE
Revision A 04/17
SM0605RGB BIVAR-SM0605RGB Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 0605 PACKAGE
Revision B 07/17
SM0807RGB BIVAR-SM0807RGB Datasheet
671Kb / 6P
SURFACE MOUNT LED RED/GREEN/BLUE, 0807 PACKAGE
Revision A 8/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com