Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1210BC Datasheet(PDF) 4 Page - Bivar, Inc.

Part # SM1210BC
Description  SURFACE MOUNT LED RED/GREEN, 1210 PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SM1210BC Datasheet(HTML) 4 Page - Bivar, Inc.

  SM1210BC Datasheet HTML 1Page - Bivar, Inc. SM1210BC Datasheet HTML 2Page - Bivar, Inc. SM1210BC Datasheet HTML 3Page - Bivar, Inc. SM1210BC Datasheet HTML 4Page - Bivar, Inc. SM1210BC Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/09
Page 4 of 5
Bivar reserves the right to make changes at any time without notice.
Recommended Soldering Conditions
Tape and Reel Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Note: 3000 pcs/Reel
SURFACE MOUNT LED
RED/GREEN, 1210 PACKAGE


Similar Part No. - SM1210BC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM1210BC-AG BIVAR-SM1210BC-AG Datasheet
612Kb / 5P
SURFACE MOUNT LED AMBER/GREEN, 1210 PACKAGE
Revision A 03/09
SM1210BC-SRHG BIVAR-SM1210BC-SRHG Datasheet
614Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1210 PACKAGE
Revision A 03/09
SM1210BC-URUB BIVAR-SM1210BC-URUB Datasheet
617Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1210 PACKAGE
Revision A 03/09
SM1210BC-YG BIVAR-SM1210BC-YG Datasheet
606Kb / 5P
SURFACE MOUNT LED YELLOW/GREEN, 1210 PACKAGE
Revision A 03/09
More results

Similar Description - SM1210BC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM1210BC-SRHG BIVAR-SM1210BC-SRHG Datasheet
614Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1210 PACKAGE
Revision A 03/09
logo
List of Unclassifed Man...
SM1210RGB ETC2-SM1210RGB Datasheet
580Kb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 1210 PACKAGE
logo
Bivar, Inc.
SM1210RGB BIVAR-SM1210RGB Datasheet
576Kb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 1210 PACKAGE
Revision A 03/09
SM1210BC-URUB BIVAR-SM1210BC-URUB Datasheet
617Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1210 PACKAGE
Revision A 03/09
logo
Marktech Corporate
MTSM735KA-UR-A MARKTECH-MTSM735KA-UR-A Datasheet
86Kb / 2P
1210 Red Surface Mount LED
logo
Bivar, Inc.
SM1210BC-AG BIVAR-SM1210BC-AG Datasheet
612Kb / 5P
SURFACE MOUNT LED AMBER/GREEN, 1210 PACKAGE
Revision A 03/09
SM1210BC-YG BIVAR-SM1210BC-YG Datasheet
606Kb / 5P
SURFACE MOUNT LED YELLOW/GREEN, 1210 PACKAGE
Revision A 03/09
SM0605BC-RG BIVAR-SM0605BC-RG Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0605 PACKAGE
Revision A 04/17
SM0807BC BIVAR-SM0807BC Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision C 01/14
SM0807BC-RP BIVAR-SM0807BC-RP Datasheet
731Kb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision A 06/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com