Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR51H214 Datasheet(PDF) 5 Page - International Rectifier

Part # IR51H214
Description  POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51H214 Datasheet(HTML) 5 Page - International Rectifier

  IR51H214 Datasheet HTML 1Page - International Rectifier IR51H214 Datasheet HTML 2Page - International Rectifier IR51H214 Datasheet HTML 3Page - International Rectifier IR51H214 Datasheet HTML 4Page - International Rectifier IR51H214 Datasheet HTML 5Page - International Rectifier IR51H214 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.irf.com
5
Figure 1: Cathode Voltage (Start - Preheat - Running)
This figure depicts the increase in cathode resistance
during the preheat phase prior to ignition.
Figure 2: Cathode Current (Start - Preheat - Running)
(500mA/div) This figure depicts the almost constant
current in the cathodes which decreases after ignition.
Figure 3: Lamp Voltage (Start - Preheat - Running)
This figure depicts the magnitude of the lamp voltage
during preheat, at ignition and during running.
Figure 4: Lamp Current (Start - Preheat - Running)
(200mA/div) This figure depicts the lamp
current during preheat and after ignition.


Similar Part No. - IR51H214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
More results

Similar Description - IR51H214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
ML4833 220V Non-Dimming Ballast Design
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
Dimming Ballast Control IC Design Kit
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
Compact design
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com