Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4024 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74HC4024
Description  7-stage binary ripple counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4024 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HC4024 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Nexperia
74HC4024
7-stage binary ripple counter
11. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; for test circuit see Fig. 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
CP to Q0; see Fig. 6
[1]
VCC = 2.0 V
-
47
175
ns
VCC = 4.5 V
-
17
35
ns
VCC = 6.0 V
-
14
30
ns
VCC = 5.0 V; CL = 15 pF
-
14
-
ns
Qn to Qn+1; see Fig. 6
[1]
VCC = 2.0 V
-
25
80
ns
VCC = 4.5 V
-
9
16
ns
tpd
propagation delay
VCC = 6.0 V
-
7
14
ns
MR to Q0; see Fig. 6
VCC = 2.0 V
-
63
200
ns
VCC = 4.5 V
-
23
40
ns
tPHL
HIGH to LOW
propagation delay
VCC = 6.0 V
-
18
34
ns
see Fig. 6
[2]
VCC = 2.0 V
-
19
75
ns
VCC = 4.5 V
-
7
15
ns
tt
transition time
VCC = 6.0 V
-
6
13
ns
CP HIGH or LOW; see Fig. 6
VCC = 2.0 V
80
17
-
ns
VCC = 4.5 V
16
6
-
ns
VCC = 6.0 V
14
5
-
ns
MR HIGH; see Fig. 6
VCC = 2.0 V
80
22
-
ns
VCC = 4.5 V
16
8
-
ns
tW
pulse width
VCC = 6.0 V
14
6
-
ns
MR to CP; see Fig. 6
VCC = 2.0 V
50
6
-
ns
VCC = 4.5 V
10
2
-
ns
trec
recovery time
VCC = 6.0 V
9
2
-
ns
CP; see Fig. 6
VCC = 2.0 V
6.0
27
-
MHz
VCC = 4.5 V
30
82
-
MHz
VCC = 6.0 V
35
98
-
MHz
fmax
maximum frequency
VCC = 5.0 V; CL = 15 pF
-
90
-
MHz
CPD
power dissipation
capacitance
VI = GND to VCC
[3]
-
25
-
pF
74HC4024
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 10 — 23 November 2018
6 / 13


Similar Part No. - 74HC4024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
logo
NXP Semiconductors
74HC4024D PHILIPS-74HC4024D Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC4024D-Q100 NEXPERIA-74HC4024D-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
logo
NXP Semiconductors
74HC4024DB PHILIPS-74HC4024DB Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
More results

Similar Description - 74HC4024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
STMicroelectronics
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
   7 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
   7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
List of Unclassifed Man...
IW4024B ETC1-IW4024B Datasheet
318Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com