Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 226 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 226 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 222Page - National Semiconductor (TI) CS5535 Datasheet HTML 223Page - National Semiconductor (TI) CS5535 Datasheet HTML 224Page - National Semiconductor (TI) CS5535 Datasheet HTML 225Page - National Semiconductor (TI) CS5535 Datasheet HTML 226Page - National Semiconductor (TI) CS5535 Datasheet HTML 227Page - National Semiconductor (TI) CS5535 Datasheet HTML 228Page - National Semiconductor (TI) CS5535 Datasheet HTML 229Page - National Semiconductor (TI) CS5535 Datasheet HTML 230Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 555 page
background image
www.national.com
226
Revision 0.8
GLPCI_SB Register Descriptions (Continued)
5.2.3.2
PCI Configuration Space Header Byte 4-7 (GLPCI_PCI_HEAD_BYTE4-7)
5.2.3.3
PCI Configuration Space Header Byte 8-B (GLPCI_PCI_HEAD_BYTE8-B)
PCI Index
04h
Type
RO
Reset Value
00000000h
GLPCI_PCI_HEAD_BYTE4-7 Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
PCI_STS
PCI_CMD
GLPCI_PCI_HEAD_BYTE4-7 Bit Descriptions
Bit
Name
Description
31:16
PCI_STS
PCI Status Register (Read Only). Not implemented.
15:0
PCI_CMD
PCI Command Register (Read Only). Not implemented.
PCI Index
08h
Type
RO
Reset Value
FF0000xxh
GLPCI_PCI_HEAD_BYTE8-B Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
PCI_CLASS
DEV_REV_ID
GLPCI_PCI_HEAD_BYTE8-B Bit Descriptions
Bit
Name
Description
31:16
PCI_CLASS
PCI Class Code (Read Only).
15:0
DEV_REV_ID
Device Revision ID (Read Only). Identifies the major and minor silicon revision of the
CS5535. Can also be read at MSR 51700017h[7:0]. See Section 5.20.2.13 "Chip Revi-
sion ID (GLCP_CHIP_REV_ID)" on page 524.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com