Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 275 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 275 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 271Page - National Semiconductor (TI) CS5535 Datasheet HTML 272Page - National Semiconductor (TI) CS5535 Datasheet HTML 273Page - National Semiconductor (TI) CS5535 Datasheet HTML 274Page - National Semiconductor (TI) CS5535 Datasheet HTML 275Page - National Semiconductor (TI) CS5535 Datasheet HTML 276Page - National Semiconductor (TI) CS5535 Datasheet HTML 277Page - National Semiconductor (TI) CS5535 Datasheet HTML 278Page - National Semiconductor (TI) CS5535 Datasheet HTML 279Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 555 page
background image
Revision 0.8
275
www.national.com
USB Register Descriptions (Continued)
5.5.3.12
Interrupt Line (USBC_PCI_INT_LINE)
5.5.3.13
Interrupt Pin (USBC_PCI_INT_PIN)
5.5.3.14
Minimum Grant (USBC_PCI_MIN_GNT)
Index
3Ch
Type
R/W
Reset Value
00h
USBC_PCI_INT_LINE Register Map
76
54
32
10
INT_LINE
USBC_PCI_INT_LINE Bit Descriptions
Bit
Name
Description
7:0
INT_LINE
Interrupt Line. This register identifies which of the system interrupt controllers the
devices interrupt pin is connected to. The value of this register is used by device drivers
and has no direct meaning to the USB.
Index
3Dh
Type
R/W
Reset Value
01h
USBC_PCI_INT_PIN Register Map
76
54
32
10
INT_PIN
USBC_PCI_INT_PIN Bit Descriptions
Bit
Name
Description
7:0
INT_PIN
Interrupt Pin. This register identifies which interrupt pin a device uses. Since the USB
uses INTA#, this value is set to 01h.
Index
3Eh
Type
R/W
Reset Value
00h
USBC_PCI_MIN_GNT Register Map
76
54
32
10
MIN_GNT
USBC_PCI_MIN_GNT Bit Descriptions
Bit
Name
Description
7:0
MIN_GNT
Minimum Grant. This register specifies the desired settings for how long a burst the
USB needs assuming a clock rate of 33 MHz. The value specifies a period of time in
units of 1/4 microsecond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com