Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 468 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 468 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 464Page - National Semiconductor (TI) CS5535 Datasheet HTML 465Page - National Semiconductor (TI) CS5535 Datasheet HTML 466Page - National Semiconductor (TI) CS5535 Datasheet HTML 467Page - National Semiconductor (TI) CS5535 Datasheet HTML 468Page - National Semiconductor (TI) CS5535 Datasheet HTML 469Page - National Semiconductor (TI) CS5535 Datasheet HTML 470Page - National Semiconductor (TI) CS5535 Datasheet HTML 471Page - National Semiconductor (TI) CS5535 Datasheet HTML 472Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 555 page
background image
www.national.com
468
Revision 0.8
MFGPT Register Descriptions (Continued)
13
MFGPT5_C2_IRQM
Enable MFGPT5 Comparator 2 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 5.
The other bit in the ORed pair is bit 9, MFGPT1_C2_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
12
MFGPT4_C2_IRQM
Enable MFGPT4 Comparator 2 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 4.
The other bit in the ORed pair is bit 8, MFGPT0_C2_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
11
MFGPT3_C2_IRQM
Enable MFGPT3 Comparator 2 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 7.
The other bit in the ORed pair is bit 15, MFGPT7_C2_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
10
MFGPT2_C2_IRQM
Enable MFGPT2 Comparator 2 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 6.
The other bit in the ORed pair is bit 14, MFGPT6_C2_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
9
MFGPT1_C2_IRQM
Enable MFGPT1 Comparator 2 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 5.
The other bit in the ORed pair is bit 13, MFGPT5_C2_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
8
MFGPT0_C2_IRQM
Enable MFGPT0 Comparator 2 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 4.
The other bit in the ORed pair is bit 12, MFGPT4_C2_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
7
MFGPT7_C1_IRQM
Enable MFGPT7 Comparator 1 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 3.
The other bit in the ORed pair is bit 3, MFGPT3_C1_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
6
MFGPT6_C1_IRQM
Enable MFGPT6 Comparator 1 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 2.
The other bit in the ORed pair is bit 2, MFGPT2_C1_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
5
MFGPT5_C1_IRQM
Enable MFGPT5 Comparator 1 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 1.
The other bit in the ORed pair is bit 1, MFGPT1_C1_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
MFGPT_IRQ Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com