Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 484 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 484 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 480Page - National Semiconductor (TI) CS5535 Datasheet HTML 481Page - National Semiconductor (TI) CS5535 Datasheet HTML 482Page - National Semiconductor (TI) CS5535 Datasheet HTML 483Page - National Semiconductor (TI) CS5535 Datasheet HTML 484Page - National Semiconductor (TI) CS5535 Datasheet HTML 485Page - National Semiconductor (TI) CS5535 Datasheet HTML 486Page - National Semiconductor (TI) CS5535 Datasheet HTML 487Page - National Semiconductor (TI) CS5535 Datasheet HTML 488Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 555 page
background image
www.national.com
484
Revision 0.8
PMC Register Descriptions (Continued)
PM_GPE0_STS Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
RSVD
PM_GPE0_STS Bit Descriptions
Bit
Name
Description
31
GPIOM7_PME_
FLAG
GPIO IRQ/PME Mapper Bit 7 PME Flag. If high, this bit records that a PME occurred
via bit 7 of the GPIO IRQ/PME mapper. Both this bit and the corresponding enable bit
in
PM_GPE0_EN (ACPI I/O Offset 1Ch[31]) must be high in order for this PME to be
passed on to the system. Write 1 to clear; writing 0 has no effect.
30
GPIOM6_PME_
FLAG
GPIO IRQ/PME Mapper Bit 6 PME Flag. If high, this bit records that a PME occurred
via bit 6 of the GPIO IRQ/PME mapper. Both this bit and the corresponding enable bit
in
PM_GPE0_EN (ACPI I/O Offset 1Ch[30]) must be high in order for this PME to be
passed on to the system. Write 1 to clear; writing 0 has no effect.
29:22
RSVD
Reserved. Reads return 0; writes have no effect
21
GPIOM5_PME_
FLAG
GPIO IRQ/PME Mapper Bit 5 PME Flag. If high, this bit records that a PME occurred
via bit 5 of the GPIO IRQ/PME mapper. Both this bit and the corresponding enable bit
in
PM_GPE0_EN (ACPI I/O Offset 1Ch[21]) must be high in order for this PME to be
passed on to the system. Write 1 to clear, writing 0 has no effect.
20
GPIOM4_PME_
FLAG
GPIO IRQ/PME Mapper Bit 4 PME Flag. If high, this bit records that a PME occurred
via bit 4 of the GPIO IRQ/PME mapper. Both this bit and the corresponding enable bit
in
PM_GPE0_EN (ACPI I/O Offset 1Ch[20]) must be high in order for this PME to be
passed on to the system. Write 1 to clear; writing 0 has no effect.
19
GPIOM3_PME_
FLAG
GPIO IRQ/PME Mapper Bit 3 PME Flag. If high, this bit records that a PME occurred
via bit 3 of the GPIO IRQ/PME mapper. Both this bit and the corresponding enable bit
in
PM_GPE0_EN (ACPI I/O Offset 1Ch[19]) must be high in order for this PME to be
passed on to the system. Write 1 to clear; writing 0 has no effect.
18
GPIOM2_PME_
FLAG
GPIO IRQ/PME Mapper Bit 2 PME Flag. If high, this bit records that a PME occurred
via bit 2 of the GPIO IRQ/PME mapper. Both this bit and the corresponding enable bit
in
PM_GPE0_EN (ACPI I/O Offset 1Ch[18]) must be high in order for this PME to be
passed on to the system. Write 1 to clear; writing 0 has no effect.
17
GPIOM1_PME_
FLAG
GPIO IRQ/PME Mapper Bit 1 PME Flag. If high, this bit records that a PME occurred
via bit 1 of the GPIO IRQ/PME mapper. Both this bit and the corresponding enable bit
in
PM_GPE0_EN (ACPI I/O Offset 1Ch[17]) must be high in order for this PME to be
passed on to the system. Write 1 to clear; writing 0 has no effect.
16
GPIOM0_PME_
FLAG
GPIO IRQ/PME Mapper Bit 0PME Flag. If high, this bit records that a PME occurred
via bit 0 of the GPIO IRQ/PME mapper. Both this bit and the corresponding enable bit
in
PM_GPE0_EN (ACPI I/O Offset 1Ch[16]) must be high in order for this PME to be
passed on to the system. Write 1 to clear; writing 0 has no effect.
15:7
RSVD
Reserved. Reads return 0; writes have no effect
6
USBC2_PME_
FLAG
USB Controller #2 PME Flag. If high, this bit records that a PME occurred via USB
Controller #2. Both this bit and the corresponding enable bit in
PM_GPE0_EN (ACPI
I/O Offset 1Ch[6]) must be high in order for this PME to be passed on to the system.
Write 1 to clear; writing 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com