Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 528 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 528 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 524Page - National Semiconductor (TI) CS5535 Datasheet HTML 525Page - National Semiconductor (TI) CS5535 Datasheet HTML 526Page - National Semiconductor (TI) CS5535 Datasheet HTML 527Page - National Semiconductor (TI) CS5535 Datasheet HTML 528Page - National Semiconductor (TI) CS5535 Datasheet HTML 529Page - National Semiconductor (TI) CS5535 Datasheet HTML 530Page - National Semiconductor (TI) CS5535 Datasheet HTML 531Page - National Semiconductor (TI) CS5535 Datasheet HTML 532Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 555 page
background image
www.national.com
528
Revision 0.8
Electrical Specifications (Continued)
IILeak
(Note 4)
Input Leakage Current
Q3, Q5, Q7
NA
+/- 3
µA
Driver output disabled.
Vpad = 0 to VIO.
PCI
NA
+/- 5
µA
Driver output disabled.
Vpad = 0 to VIO.
IDE
NA
+/- 2
µA
Driver output disabled.
Vpad = 0 to VIO.
SMB
NA
+/- 5
µA
Driver output disabled.
Vpad = 0 to VIO.
NA
5
µA
Driver output disabled. Note 3.
Vpad = VIO to 5.5.
NA
5
µA
Note 3 and Note 5.
Vpad = 0 to 5.5.
USB
NA
+/- 3
µA
Driver output disabled. Note 2
and Note 6.
Vpad = 0 to AVDD_USB.
RESET_STAND#
(Bare_Wire)
NA
+/- 3
µA
Vpad = 0 to VIO.
IPU
(Note 7)
Pull-Up Current
Q3, Q5, Q7
-50
100
-150
µA
Pull-up on and pull-down off.
Output TRI-STATE and
Vpad = 0.
IPD
(Note 7)
Pull-Down Current
Q3, Q5, Q7
20
45
130
µA
Pull-up off and pull-down on.
Output TRI-STATE and
Vpad = VIO.
Note 1. Actual value is adjustable. Values in this table require VADJ[2:0] = 4 (011b):
--RCVR2_VADJ: USBC1 MSR 51600008h[16:14] and USBC2 MSR 51200008h[16:14];
--(RCVR1_VADJ: USBC1 MSR 51600008h[7:5] and USBC2 MSR 51200008h[7:5].
The single ended receiver incorporates hysteresis for more reliable operation.
Under any mode of operation, the USB inputs do not meet the requirements of “Figure 7-1 Maximum Input Wave-
form For USB Signaling” from the USB Specification v1.1. The maximum voltage can not exceed the value above.
Note 2. USB v1.1 compliance is achieved with external crimp protection diodes.
Note 3. The following SMB I/Os are limited to an input high max of VIO: FUNC_TEST, SMB_CLK, and SMB_DATA.
Note 4. This parameter is sometimes referred to as TRI-STATE leakage.
Note 5. VCORE and VCORE_VSB = 0, VIO and VIO_VSB = 0, TCASE = All.
Note 6. AVDD_USB from 0 to AVDD_USB_MAX.
Note 7. No pull-ups/downs on PCI, IDE, and SMB I/O cell types.
Table 6-5. DC Characteristics (Continued)
Symbol
Buffer Type
Min
Typ
Max
Units
Comment/Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com