Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 111Page - National Semiconductor (TI) CS5535 Datasheet HTML 112Page - National Semiconductor (TI) CS5535 Datasheet HTML 113Page - National Semiconductor (TI) CS5535 Datasheet HTML 114Page - National Semiconductor (TI) CS5535 Datasheet HTML 115Page - National Semiconductor (TI) CS5535 Datasheet HTML 116Page - National Semiconductor (TI) CS5535 Datasheet HTML 117Page - National Semiconductor (TI) CS5535 Datasheet HTML 118Page - National Semiconductor (TI) CS5535 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 555 page
background image
Revision 0.8
115
www.national.com
4.10 SYSTEM MANAGEMENT BUS CONTROLLER
The System Management Bus (SMB) Controller is a two-
wire synchronous serial interface compatible with the Sys-
tem Management Bus physical layer. The SMB Controller
is also compatible with Intel's SMBus and Philips’ I2C. The
SMB Controller can be configured as a bus master or
slave, and can maintain bidirectional communication with
both multiple master and slave devices. As a slave device,
the SMB Controller may issue a request to become the bus
master.
The SMB Controller allows easy interfacing to a wide range
of
low-cost
memories
and
I/O
devices,
including:
EEPROMs, SRAMs, timers, ADC, DAC, clock chips, and
peripheral drivers.
This chapter describes the general SMB Controller func-
tional block. A device may include a different implementa-
tion.
A block diagram of the System Management Bus (SMB)
Controller is shown Figure 4-22.
The SMB Controller is upward compatible with previous
industry standard two-wire interfaces as detailed in Table 4-
17 on page 116.
The SMB Controller’s protocol uses a two-wire interface for
bidirectional communication between the ICs connected to
the bus. The two interface lines are the Serial Data Line
(SDL) and the Serial Clock Line (SCL). These lines should
be connected to a positive supply via an internal or external
pull-up resistor, and remain high even when the bus is idle.
Each IC has a unique address and can operate as a trans-
mitter or a receiver (though some peripherals are only
receivers).
During data transactions, the master device initiates the
transaction, generates the clock signal, and terminates the
transaction. For example, when the SMB Controller ini-
tiates a data transaction with an attached SMB compliant
peripheral, the SMB Controller becomes the master. When
the peripheral responds and transmits data to the SMB
Controller, their master/slave (data transaction initiator and
clock generator) relationship is unchanged, even though
their transmitter/receiver functions are reversed.
Figure 4-22. SMB Block Diagram
Data In
Data In
Local Bus Interface
CCU
PIC
Busy
IRQ
Clock
I/O Enable
Data Out
Clock Out
SMB Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com