Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 136Page - National Semiconductor (TI) CS5535 Datasheet HTML 137Page - National Semiconductor (TI) CS5535 Datasheet HTML 138Page - National Semiconductor (TI) CS5535 Datasheet HTML 139Page - National Semiconductor (TI) CS5535 Datasheet HTML 140Page - National Semiconductor (TI) CS5535 Datasheet HTML 141Page - National Semiconductor (TI) CS5535 Datasheet HTML 142Page - National Semiconductor (TI) CS5535 Datasheet HTML 143Page - National Semiconductor (TI) CS5535 Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 555 page
background image
www.national.com
140
Revision 0.8
LPC Port Functional Description (Continued)
Figure 4-42. Start Frame Waveform
Figure 4-43. IRQ Frame Waveform
Figure 4-44. Stop Frame Waveform
START
REC
TAR
Drivers
Host
Slave
Host Controller
None
LCLK
SERIRQ
or
START: Start pulse width can be from 4-8 cycles, the width is determined by the value of START width.
REC:
Recover, host actively drives SERIRQ high.
TAR:
Turn Around Cycle. Dead cycle to prevent bus contention.
IRQ Set:
IRQ Clear:
SERIRQ
LCLK
SAMP
REC
TAR
None
IRQX
SERIRQ
SAMP
REC
TAR
Driver
None
Driver
SAMP:
Sample, slave drives low or leaves high.
REC:
Recover,
slave actively drives SERIRQ high if driven low during sample.
TAR:
Turn Around Cycle. Dead cycle to prevent bus contention.
STOP
REC
TAR
Host Controller
None
Drivers
SERIRQ
LCLK
Quiet Mode:
Continues Mode:
STOP
REC
TAR
SERIRQ
Host Controller
None
Drivers
REC:
Recover, host actively drives SERIRQ high.
TAR:
Turn Around Cycle. Dead cycle to prevent bus contention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com