Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS1G821M Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY5PS1G821M
Description  1Gb DDR2 SDRAM(DDP)
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS1G821M Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY5PS1G821M Datasheet HTML 1Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 2Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 3Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 4Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 5Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 6Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 7Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 8Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
Rev. 0.2 / Oct. 2005
3
1HY5PS12421(L)M
HY5PS12821(L)M
Contents
1. Description
1.1 Device Features and Ordering Information
1.1.1 Key Feaures
1.1.2 Ordering Information
1.1.3 Ordering Frequency
1.2 Pin configuration
1.2.1 256M x4 DDR2 DDP Pin Configuration
1.2.2 128M x8 DDR2 DDP Pin Configuration
1.3 Pin Description
2. Functioanal Description
2.1 Simplified State Diagram
2.2 Functional Block Diagram
2.2.1 Functional Block Diagram(256M x4)
2.2.2 Functional Block Diagram(128M x8)
2.3 Basic Function & Operation of DDR2 SDRAM
2.3.1 Power up and Initialization
2.3.2 Programming the Mode and Extended Mode Registers
2.3.2.1 DDR2 SDRAM Mode Register Set(MRS)
2.3.2.2 DDR2 SDRAM Extended Mode Register Set
2.3.2.3 Off-Chip Driver(OCD) Impedance Adjustment
2.3.2.4 ODT(On Die Termination)
2.4 Bank Activate Command
2.5 Read and Write Command
2.5.1 Posted CAS
2.5.2 Burst Mode Operation
2.5.3 Burst Read Command
2.5.4 Burst Write Operation
2.5.5 Write Data Mask
2.6 Precharge Operation
2.7 Auto Precharge Operation
2.8 Refresh Commands
2.8.1 Auto Refresh Command
2.8.2 Self Refresh Command
2.9 Power Down
2.10 Asynchronous CKE Low Event
2.11 No Operation Command
2.12 Deselect Command
3. Truth Tables
3.1 Command Truth Table
3.2 Clock Enable(CKE) Truth Table for Synchronous Transistors
3.3 Data Mask Truth Table
4. Operating Conditions
4.1 Absolute Maximum DC Ratings
4.2 Operating Temperature Condition


Similar Part No. - HY5PS1G821M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G831AFP HYNIX-HY5PS1G831AFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G831AFP-C4 HYNIX-HY5PS1G831AFP-C4 Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G831ALFP HYNIX-HY5PS1G831ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G831ALFP-C4 HYNIX-HY5PS1G831ALFP-C4 Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G831CFP HYNIX-HY5PS1G831CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
More results

Similar Description - HY5PS1G821M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS2G431AMP HYNIX-HY5PS2G431AMP Datasheet
607Kb / 35P
   2Gb DDR2 SDRAM(DDP)
HY5PS2G431MP HYNIX-HY5PS2G431MP Datasheet
589Kb / 35P
   2Gb DDR2 SDRAM(DDP)
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com