Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD22100 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD22100
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD22100 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD22100 Datasheet HTML 3Page - Renesas Technology Corp UPD22100 Datasheet HTML 4Page - Renesas Technology Corp UPD22100 Datasheet HTML 5Page - Renesas Technology Corp UPD22100 Datasheet HTML 6Page - Renesas Technology Corp UPD22100 Datasheet HTML 7Page - Renesas Technology Corp UPD22100 Datasheet HTML 8Page - Renesas Technology Corp UPD22100 Datasheet HTML 9Page - Renesas Technology Corp UPD22100 Datasheet HTML 10Page - Renesas Technology Corp UPD22100 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
5
µPD22100, 22148
µPD22100
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C, VSS = 0 V)
DC Supply Voltage
VDD
−0.5 to +20
V
Input Voltage
VI
−0.5 to VDD + 0.5
V
Input Current
II
10
mA
Power Dissipation
PD
200
mW
Operating Temperature
Topt
−40 to +85
°C
Storage Temperature
Tstg
−65 to +125
°C
RECOMMENDED OPERATING CONDITIONS (Ta =
−40 to +85 °C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Operating Voltage
VDD
318
V
Input Voltage (Control)
VIH
0.7 VDD
VDD
V
Input Voltage (Control)
VIL
0
0.3 VDD
V
Analog Input Voltage
VIA
VSS
VDD
VVxn
− Vyn ≤ 0.5 V
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC SYMBOL
Ta =
−40 °CTa = 25 °CTa = +85 °C
UNIT
CONDITIONS
MIN.
MAX.
MIN.
TYP.
MAX.
MIN.
MAX.
VDD (V)
On-State
530
160
650
820
5
Resistance
RON
100
80
120
150
10
VIS =
75
70
90
120
12
70
60
85
110
15
On-State
35
5
Resistance Dif-
∆RON
20
10
VIS =
ference Between
18
12
Any Two Switches
15
15
Input Leakage
IL
±300
±1
±300
±10000
nA
18
All Switches OFF
Current
Input Voltage
3.5
3.5
3.5
5
Switch ON
VIH
77
7
V
10
RON < RON MAX.
11
11
11
15
Input Voltage
1.5
1.5
1.5
5
Switch OFF
VIL
33
3
V
10
IL < 0.2
µA
44
4
15
Input Current
II
±0.3
±10−5
±0.3
±1
µA18
VI = VSS, VDD
Quiescent
5
0.04
5
150
5
Current
IDD
10
0.04
10
300
µA
10
VI = VSS, VDD
20
0.04
20
600
15
100
0.08
100
3000
20
VDD
− VSS
2
VDD
− VSS
2


Similar Part No. - UPD22100

ManufacturerPart #DatasheetDescription
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
UPD22100C NEC-UPD22100C Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
UPD22100GS NEC-UPD22100GS Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
More results

Similar Description - UPD22100

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com