Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FL15F1MATRE Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST7FL15F1MATRE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MATRE Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST7FL15F1MATRE Datasheet HTML 102Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 103Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 104Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 105Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 106Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 107Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 108Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 109Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 138 page
background image
ST7L15, ST7L19
106/138
ELECTRICAL CHARACTERISTICS (cont’d)
13.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To obtain the total
device consumption, the two current values must
be added (except for HALT mode for which the
clock is stopped).
13.4.1 Supply Current
TA = -40 to +125°C, unless otherwise specified.
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN)
driven by external square wave, LVD disabled.
3. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
4. SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
5. All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max and fCPU max.
6. All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max. and fCPU
max.
7. This consumption refers to the Halt period only and not the associated run period which is software dependent.
Figure 67. Typical IDD in RUN vs fCPU
Figure 68. Typical IDD in RUN at fCPU = 8 MHz
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode
VDD =5.5V
fCPU =8 MHz
1)
79
mA
Supply current in WAIT mode
fCPU =8 MHz
2)
33.6
Supply current in SLOW mode
fCPU = 250 kHz
3)
0.7
0.9
Supply current in SLOW WAIT mode
fCPU = 250 kHz
4)
0.5
0.8
Supply current in HALT mode5)
-40°C
≤ T
A ≤ +125°C
1
6
µA
Supply current in AWUFH mode6)7)
-40°C
≤ T
A ≤ +125°C
60
TBD
Supply current in ACTIVE HALT mode
-40°C
≤ T
A ≤ +125°C
TBD
mA
0
1
2
3
4
5
6
7
8
9
22.5
33.5
4
4.5
55.5
66.5
Vdd (V)
.5
1
2
4
6
8
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0
1
2
3
4
5
6
7
8
9
22.5
33.5
4
4.5
55.5
66.5
Vdd (V)
140°C
90°C
25°C
-5°C
-45°C
Note: Graph displays data beyond the normal operating range of 3V - 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com