Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72C104G2M7 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST72C104G2M7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C104G2M7 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST72C104G2M7 Datasheet HTML 112Page - STMicroelectronics ST72C104G2M7 Datasheet HTML 113Page - STMicroelectronics ST72C104G2M7 Datasheet HTML 114Page - STMicroelectronics ST72C104G2M7 Datasheet HTML 115Page - STMicroelectronics ST72C104G2M7 Datasheet HTML 116Page - STMicroelectronics ST72C104G2M7 Datasheet HTML 117Page - STMicroelectronics ST72C104G2M7 Datasheet HTML 118Page - STMicroelectronics ST72C104G2M7 Datasheet HTML 119Page - STMicroelectronics ST72C104G2M7 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
116/140
EMC CHARACTERISTICS (Cont’d)
14.7.3 ESD Pin Protection Strategy
To protect an integrated circuit against Electro-
Static Discharge the stress must be controlled to
prevent degradation or destruction of the circuit el-
ements. The stress generally affects the circuit el-
ements which are connected to the pads but can
also affect the internal devices when the supply
pads receive the stress. The elements to be pro-
tected must not receive excessive current, voltage
or heating within their structure.
An ESD network combines the different input and
output ESD protections. This network works, by al-
lowing safe discharge paths for the pins subjected
to ESD stress. Two critical ESD stress cases are
presented in Figure 73 and Figure 74 for standard
pins and in Figure 75 and Figure 76 for true open
drain pins.
Standard Pin Protection
To protect the output structure the following ele-
ments are added:
– A diode to VDD (3a) and a diode from VSS (3b)
– A protection device between VDD and VSS (4)
To protect the input structure the following ele-
ments are added:
– A resistor in series with the pad (1)
– A diode to VDD (2a) and a diode from VSS (2b)
– A protection device between VDD and VSS (4)
Figure 73. Positive Stress on a Standard Pad vs. VSS
Figure 74. Negative Stress on a Standard Pad vs. VDD
IN
VDD
VSS
(1)
(2a)
(2b)
(4)
OUT
VDD
VSS
(3a)
(3b)
Main path
Path to avoid
IN
VDD
VSS
(1)
(2a)
(2b)
(4)
OUT
VDD
VSS
(3a)
(3b)
Main path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com