Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72260GX Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST72260GX
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72260GX Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST72260GX Datasheet HTML 162Page - STMicroelectronics ST72260GX Datasheet HTML 163Page - STMicroelectronics ST72260GX Datasheet HTML 164Page - STMicroelectronics ST72260GX Datasheet HTML 165Page - STMicroelectronics ST72260GX Datasheet HTML 166Page - STMicroelectronics ST72260GX Datasheet HTML 167Page - STMicroelectronics ST72260GX Datasheet HTML 168Page - STMicroelectronics ST72260GX Datasheet HTML 169Page - STMicroelectronics ST72260GX Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
166/172
15.3 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tained from the STMicroelectronics Internet site:
http//www.st.com.
Tools from these manufacturers include C compli-
ers, evaluation tools, emulators and programmers.
Emulators
Two types of emulators are available from ST for
the ST72260/262/264 family:
■ ST7 DVP3 entry-level emulator offers a flexible
and modular debugging and programming
solution.
■ ST7 EMU3 high-end emulator is delivered with
everything (probes, TEB, adapters etc.) needed
to start emulating the ST72260/262/264. To
configure it to emulate other ST7 subfamily
devices, the active probe for the ST7EMU3 can
be changed and the ST7EMU3 probe is
designed for easy interchange of TEBs (Target
Emulation Board). See Table 29.
In-circuit Debugging Kit
Three configurations are available from ST:
■ ST7F264-IND/USB:
Low-cost
In-Circuit
Debugging
kit
from
Softec
Microsystems.
Includes STX-InDART/USB board (USB port)
and one specific evaluation board for ST72264
(package SDIP32)
■ ST7F264-INDART:
Low-cost
In-Circuit
Debugging
kit
from
Softec
Microsystems
Includes STX-InDART/USB board (parallel port)
and one specific evaluation board for ST72264
(package SDIP32)
■ STxF-INDART/USB
Flash Programming tools
■ ST7-STICK ST7 In-circuit Communication Kit, a
complete
software/hardware
package
for
programming ST7 Flash devices. It connects to
a host PC parallel port and to the target board or
socket board via ST7 ICC connector.
■ ICC Socket Boards provide an easy to use and
flexible means of programming ST7 Flash
devices. They can be connected to any tool that
supports the ST7 ICC interface, such as ST7
EMU3, ST7-DVP3, inDART, ST7-STICK, or
many third-party development tools.
Evaluation boards
One evaluation tool is available from ST:
■ ST7FOPTIONS-EVAL:
ST7
Clock
Security
System evaluation board
Table 29. STMicroelectronics Development Tools
Notes:
1. BGA adapter not available for ST7MDT10-DVP3 and ST7MDT10-EMU3 .
2. Add suffix /EU, /UK, /US for the power supply of your region.
15.3.1 Related Documentation
AN 978: Key features of the STVD7 ST7 Visual
Debug Package
AN 983: Key Features of the Cosmic ST7 C-Com-
piler Package
AN 988: Getting started with ST7 Assembly Tool
chain
AN 989: Getting started with ST7 Hiware C Tool-
chain
AN1604: How to use ST7MDT1-TRAIN with
ST72F264
Supported
Products
Emulation
Programming
ST7 DVP3 Series
ST7 EMU3 series
ICC Socket Board
Emulator
Connection kit
Emulator
Active Probe &
T.E.B.
ST7226xGx
ST7MDT10-
DVP31)
ST7MDT10-32/DVP
ST7MDT10-
EMU31)
ST7MDT10-TEB
ST7SB10-26x2)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com