Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9033Q Datasheet(PDF) 102 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 102 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 95Page - ESS Technology,Inc ES9033Q Datasheet HTML 96Page - ESS Technology,Inc ES9033Q Datasheet HTML 97Page - ESS Technology,Inc ES9033Q Datasheet HTML 98Page - ESS Technology,Inc ES9033Q Datasheet HTML 99Page - ESS Technology,Inc ES9033Q Datasheet HTML 100Page - ESS Technology,Inc ES9033Q Datasheet HTML 101Page - ESS Technology,Inc ES9033Q Datasheet HTML 102Page - ESS Technology,Inc ES9033Q Datasheet HTML 103Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 102 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
102
Revision History
Current Version [Status]
Rev.
Date
Notes
0.1
April 5, 2021
Initial Release
0.2
April 7, 2021
•
Added digital filter frequency and impulse response diagrams
•
Corrected block diagram
•
Added register list and register map
0.2.1
April 13, 2021
•
Made some register names more descriptive
•
Changed references to “Serial Configuration Mode” simplified to “Software Mode”
•
Clarified “0” and “1” in Software Mode section to “GND” and “AVDD” respectively.
0.2.2
June 15, 2021
•
Updated formatting in most registers and improved descriptiveness.
•
Added weak keeper definition to register 24.
•
Added register information and TDM to Audio Input Format.
•
Added hardware APLL mode startup sequence.
•
Added hardware modes 16-31
•
Added coloring to register listings
0.2.3
July 22, 2021
•
Added HW design information to configuration modes
•
Added SPI timing diagram
•
Added I2C timing diagram
•
Added w/o DRE performance numbers
•
Added ESD protection ratings
•
Minor formatting updates
0.3
October 1, 2021
•
Unreserved registers 196[7:5][1:0], 203[5:4], 195[7:2], 192[5:3], 193[6] & [4:2], and 200-
202[0].
•
Updated Register 194, 202-200 descriptions
•
Added clock configuration tables for I2S and TDM modes
•
Corrected DRE ON/OFF_THRESHOLD descriptions for Registers 78-81
0.3.1
April 20, 2022
•
Updated Register 44 bit descriptions
•
Updated Register 36 [4:0] descriptions
•
Removed AVDD pin description reference to 1.8V, ES9033 is a 3.3V device
•
Added Register 54[1:0]
•
Updated the Digital Signal Path diagram
•
Updated BCK column for I2S Slave Clock Rate Configurations table
•
Minor typing corrections
•
Reserved Registers 233-236
•
Added note for register 45[7] DSD_2DB_DOWN regarding RUN_VOLUME
•
Updated Register 202-200[13:1] descriptions
•
Removed APLL modes section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com