Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F407IE Datasheet(PDF) 202 Page - STMicroelectronics

Part # STM32F407IE
Description  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IE Datasheet(HTML) 202 Page - STMicroelectronics

Back Button STM32F407IE Datasheet HTML 195Page - STMicroelectronics STM32F407IE Datasheet HTML 196Page - STMicroelectronics STM32F407IE Datasheet HTML 197Page - STMicroelectronics STM32F407IE Datasheet HTML 198Page - STMicroelectronics STM32F407IE Datasheet HTML 199Page - STMicroelectronics STM32F407IE Datasheet HTML 200Page - STMicroelectronics STM32F407IE Datasheet HTML 201Page - STMicroelectronics STM32F407IE Datasheet HTML 202Page - STMicroelectronics STM32F407IE Datasheet HTML 203Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 202 / 203 page
background image
Revision history
STM32F405xx, STM32F407xx
202/203
DS8626 Rev 9
09-Sep-2016
8
Removed note 1 below Figure 5: STM32F40xxx block diagram.
Updated definition of stresses above maximum ratings in Section 5.2:
Absolute maximum ratings.
Updated th(NSS) in Figure 39: SPI timing diagram - slave mode and
CPHA = 0 and Figure 40: SPI timing diagram - slave mode and CPHA
= 1.
Added note related to optional marking and inset/upset marks in all
package marking sections.
Updated Figure 87: UFBGA176+25 ball, 10 x 10 mm, 0.65 mm pitch,
ultra fine pitch ball grid array package outline and Table 95:
UFBGA176+25 ball, 10 × 10 × 0.65 mm pitch, ultra thin fine pitch ball
grid array mechanical data.
14-Aug-2020
9
Renamed Section 2.2 and Section 7 into Functional overview and
Ordering information, respectively.
Added Arm logo and legal notice in Section 1: Introduction and
updated Arm wordmark in the whole document. Removed USB
certified logos.
Updated camera interfaces for STM32F405OE in Table 2:
STM32F405xx and STM32F407xx: features and peripheral counts.
Added OTP memory in Features and Section 2.2.4: Embedded Flash
memory.
Changed random number generator to true random number generator
in the whole document and updated Section 2.2.33: True random
number generator (RNG).
Added Note 1 related to UFBGA176 in Table 7: STM32F40xxx pin and
ball definitions.
Updated Section 5.2: Absolute maximum ratings introduction.
Updated VPVD minimum value for PLS[2:0]=101 (falling edge) in
Table 19: Embedded reset and power control block characteristics.
Updated Note 1 in Table 34: HSI oscillator characteristics.
Added reference to application note AN4899 in Section 5.3.16: I/O port
characteristics.
Replaced DCMI_PIXCK by DCMI_PIXCLK in Table 9: Alternate
function mapping.
Renamed Section 7 into Ordering information.
Updated D1 in Figure 87: UFBGA176+25 ball, 10 x 10 mm, 0.65 mm
pitch, ultra fine pitch ball grid array package outline.
Table 99. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com