Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32G431 Datasheet(PDF) 174 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 170Page - STMicroelectronics 32G431 Datasheet HTML 171Page - STMicroelectronics 32G431 Datasheet HTML 172Page - STMicroelectronics 32G431 Datasheet HTML 173Page - STMicroelectronics 32G431 Datasheet HTML 174Page - STMicroelectronics 32G431 Datasheet HTML 175Page - STMicroelectronics 32G431 Datasheet HTML 176Page - STMicroelectronics 32G431 Datasheet HTML 177Page - STMicroelectronics 32G431 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 198 page
background image
Package information
STM32G431x6 STM32G431x8 STM32G431xB
174/198
DS12589 Rev 6
6.5
WLCSP49 package information
This WLCSP49 is a 49-ball, 3.15 x 3.13 mm, 0.4 mm pitch, wafer level chip scale package.
Figure 52. WLCSP49 - Outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
B03Q_WLCSP49_DIE468_ME_V1
F
G
e1
e2
e
e
A1 ORIENTATION REFERENCE
E
D
A1
A
A2
DETAIL A
aaa
bbb Z
(4x)
A3
BOTTOM VIEW
A2
b
FRONT VIEW
TOP VIEW
SIDE VIEW
DETAIL A
ROTATED 90
eee Z
BUMP
Z
b(49x)
ccc
Z X Y
ddd
Z
A1
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com