Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32G431 Datasheet(PDF) 195 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 195 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 190Page - STMicroelectronics 32G431 Datasheet HTML 191Page - STMicroelectronics 32G431 Datasheet HTML 192Page - STMicroelectronics 32G431 Datasheet HTML 193Page - STMicroelectronics 32G431 Datasheet HTML 194Page - STMicroelectronics 32G431 Datasheet HTML 195Page - STMicroelectronics 32G431 Datasheet HTML 196Page - STMicroelectronics 32G431 Datasheet HTML 197Page - STMicroelectronics 32G431 Datasheet HTML 198Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 195 / 198 page
background image
DS12589 Rev 6
195/198
STM32G431x6 STM32G431x8 STM32G431xB
Revision history
197
8
Revision history
Table 102. Document revision history
Date
Revision
Changes
10-May-2019
1
Initial release.
28-Oct-2019
2
Updated:
– Section 2: Description and Table 2: STM32G431x6/x8/xB features
and peripheral counts removing “-40 to 105°C (+ 125°C junction)”.
– Figure 1: STM32G431x6/x8/xB block diagram with 170 MHz.
– Section 3.5: Embedded SRAM.
– Section 3.20: Voltage reference buffer (VREFBUF).
– Table 3: STM32G431x6/x8/xB peripherals interconnect matrix.
– Table 17: General operating conditions.
– Table 34: Peripheral current consumption.
– Table 60: ADC characteristics.
– Table 83: SPI characteristics.
– Table 100: Package thermal characteristics.
– Table 101: Ordering information scheme.
– Section 6: Package information.
Added:
– Table 65: ADC accuracy (Multiple ADCs operation) - limited test
conditions 1.
– Table 66: ADC accuracy (Multiple ADCs operation) - limited test
conditions 2.
– Table 67: ADC accuracy (Multiple ADCs operation) - limited test
conditions 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com