Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 115 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 111Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 112Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 113Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 114Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 115Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 116Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 117Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 118Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 241 page
background image
115
4341F–MP3–03/06
AT8xC51SND2C/MP3B
The STLCRC bit in the UEPSTAX register is set by the USB controller if the packet stored in
FIFO has a corrupted CRC. This bit is updated after each new packet receipt.
When all the endpoint FIFO Bytes have been read, the firmware should clear the RXOUTB0 bit
to allow the USB controller to store the next OUT packet data into the endpoint FIFO. Until the
RXOUTB0 bit has been cleared by the firmware, the data sent by the Host at each OUT transac-
tion will be lost.
If the RXOUTB0 bit is cleared while the Host is sending data, the USB controller will store only
the remaining Bytes into the FIFO.
If the Host sends more Bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct.
16.8.2
Isochronous OUT Transactions in Ping-pong Mode
An endpoint should be first enabled and configured before being able to receive Isochronous
packets.
When a OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by the USB
controller. This triggers an interrupt if enabled. The firmware has to select the corresponding
endpoint, store the number of data Bytes by reading the UBYCTX register. If the received packet
is a ZLP (Zero Length Packet), the UBYCTX register value is equal to 0 and no data has to be
read.
The STLCRC bit in the UEPSTAX register is set by the USB controller if the packet stored in
FIFO has a corrupted CRC. This bit is updated after each new packet receipt.
When all the endpoint FIFO Bytes have been read, the firmware should clear the RXOUB0 bit to
allow the USB controller to store the next OUT packet data into the endpoint FIFO bank 0. This
action switches the endpoint bank 0 and 1. Until the RXOUTB0 bit has been cleared by the firm-
ware, the data sent by the Host on the bank 0 endpoint FIFO will be lost.
If the RXOUTB0 bit is cleared while the Host is sending data on the endpoint bank 0, the USB
controller will store only the remaining Bytes into the FIFO.
When a new OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is set by the
USB controller. This triggers an interrupt if enabled. The firmware empties the bank 1 endpoint
FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has been cleared by the firm-
ware, the data sent by the Host on the bank 1 endpoint FIFO will be lost.
The RXOUTB0 and RXOUTB1 bits are alternatively set by the USB controller at each new
packet receipt.
The firmware has to clear one of these 2 bits after having read all the data FIFO to allow a new
packet to be stored in the corresponding bank.
If the Host sends more Bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct.
16.8.3
Isochronous IN Transactions in Standard Mode
An endpoint should be first enabled and configured before being able to send Isochronous
packets.
The firmware should fill the FIFO with the data to be sent and set the TXRDY bit in the UEP-
STAX register to allow the USB controller to send the data stored in FIFO at the next IN request
concerning this endpoint.
If the TXRDY bit is not set when the IN request occurs, nothing will be sent by the USB
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com