Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 128 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 128 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 124Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 125Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 126Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 127Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 128Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 129Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 130Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 131Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 132Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 241 page
background image
128
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 16-11.
UEPINT Register
UEPINT (S:F8h Read-only) – USB Endpoint Interrupt Register
Reset Value = 0000 0000b
Table 16-12.
UEPDATX Register
UEPDATX (S:CFh) – USB Endpoint X FIFO Data Register (X = EPNUM set in UEPNUM)
Reset Value = XXh
76
543
210
---
--
EP2INT
EP1INT
EP0INT
Bit Number
Bit
Mnemonic
Description
7 - 3
-
Reserved
The value read from these bits is always 0. Do not set these bits.
2EP2INT
Endpoint 2 Interrupt Flag
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 2. The endpoint interrupt sources are in the UEPSTAX register and can be:
TXCMP, RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP2IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared.
1EP1INT
Endpoint 1 Interrupt Flag
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 1. The endpoint interrupt sources are in the UEPSTAX register and can be:
TXCMP, RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP1IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared.
0EP0INT
Endpoint 0 Interrupt Flag
This bit is set by hardware when an endpoint interrupt source has been detected on the
endpoint 0. The endpoint interrupt sources are in the UEPSTAX register and can be:
TXCMP, RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP0IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are cleared.
76
543
210
FDAT7
FDAT6
FDAT5
FDAT4
FDAT3
FDAT2
FDAT1
FDAT0
Bit Number
Bit
Mnemonic
Description
7 - 0
FDAT7:0
Endpoint X FIFO Data
Data Byte to be written to FIFO or data Byte to be read from the FIFO, for the Endpoint X
(see EPNUM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com