Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 150 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 146Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 147Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 148Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 149Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 150Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 151Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 152Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 153Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 241 page
background image
150
4341F–MP3–03/06
AT8xC51SND2C/MP3B
18.8
Registers
Table 18-8.
MMCON0 Register
MMCON0 (S:E4h) – MMC Control Register 0
Reset Value = 0000 0000b
76
543
210
DRPTR
DTPTR
CRPTR
CTPTR
MBLOCK
DFMT
RFMT
CRCDIS
Bit Number
Bit
Mnemonic
Description
7
DRPTR
Data Receive Pointer Reset Bit
Set to reset the read pointer of the data FIFO.
Clear to release the read pointer of the data FIFO.
6
DTPTR
Data Transmit Pointer Reset Bit
Set to reset the write pointer of the data FIFO.
Clear to release the write pointer of the data FIFO.
5
CRPTR
Command Receive Pointer Reset Bit
Set to reset the read pointer of the receive command FIFO.
Clear to release the read pointer of the receive command FIFO.
4
CTPTR
Command Transmit Pointer Reset Bit
Set to reset the write pointer of the transmit command FIFO.
Clear to release the read pointer of the transmit command FIFO.
3MBLOCK
Multi-block Enable Bit
Set to select multi-block data format.
Clear to select single block data format.
2DFMT
Data Format Bit
Set to select the block-oriented data format.
Clear to select the stream data format.
1RFMT
Response Format Bit
Set to select the 48-bit response format.
Clear to select the 136-bit response format.
0
CRCDIS
CRC7 Disable Bit
Set to disable the CRC7 computation when receiving a response.
Clear to enable the CRC7 computation when receiving a response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com