Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 200 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 200 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 196Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 197Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 198Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 199Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 200Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 201Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 202Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 203Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 204Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 241 page
background image
200
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Figure 22-2. Timing Diagram
22.1.1
Clock Generator
The ADC clock is generated by division of the peripheral clock (see details in section “X2 Fea-
ture”, page 14). The division factor is then given by ADCP4:0 bits in ADCLK register. Figure 22-
3 shows the ADC clock generator and its calculation formula
(1).
Figure 22-3. ADC Clock Generator and Symbol Caution:
Note:
1. In all cases, the ADC clock frequency may be higher than the maximum F
ADCLK parameter
reported in the section “Analog to Digital Converter”, page 202.
2. The ADCD value of 0 is equivalent to an ADCD value of 32.
22.1.2
Channel Selection
The channel on which conversion is performed is selected by the ADCS bit in ADCON register
according to Table 2.
Table 2. ADC Channel Selection
22.1.3
Conversion Precision
The 10-bit precision conversion is achieved by stopping the CPU core activity during conversion
for limiting the digital noise induced by the core. This mode called the Pseudo-Idle mode
(1),(2) is
enabled by setting the ADIDL bit in ADCON register
(3). Thus, when conversion is launched (see
Section "Conversion Launching", page 201), the CPU core is stopped until the end of the con-
ADEN
ADSST
ADEOC
TSETUP
TCONV
CLK
TADCLK
ADCD4:0
ADCLK
ADC Clock
ADCclk
PERclk
2 ADCD
⋅
-------------------------
=
ADC Clock Symbol
ADC
CLOCK
PER
CLOCK
÷ 2
ADCS
Channel
0AIN1
1AIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com